Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4031 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4031
Description  Using the STM32F2 and STM32F4 DMA controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4031 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4031 Datasheet HTML 7Page - STMicroelectronics AN4031 Datasheet HTML 8Page - STMicroelectronics AN4031 Datasheet HTML 9Page - STMicroelectronics AN4031 Datasheet HTML 10Page - STMicroelectronics AN4031 Datasheet HTML 11Page - STMicroelectronics AN4031 Datasheet HTML 12Page - STMicroelectronics AN4031 Datasheet HTML 13Page - STMicroelectronics AN4031 Datasheet HTML 14Page - STMicroelectronics AN4031 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
DocID022648 Rev 1
11/36
AN4031
DMA controller description
35
1.1.5
Transfer size
The transfer size value has to be defined only when the DMA is the flow controller. In fact,
this value defines the volume of data to be transferred from source to destination.
The transfer size is defined by the DMA_SxNDTR register value and by the peripheral side
data width. Depending on the received request (burst or single), the transfer size value is
decreased by the amount of the transferred data.
1.1.6
Incrementing source/destination address
It is possible to configure the DMA to automatically increment the source and/or destination
address after each data transfer.
Figure 3. DMA source address and destination address incrementing
1.1.7
Source and destination data width
Data width for source and destination can be defined as:
●
Byte (8 bits)
●
Half-word (16 bits)
●
Word (32 bits)
1.1.8
Transfer types
•
Circular mode: the Circular mode is available to handle circular buffers and continuous
data flows (the DMA_SxNDTR register is then reloaded automatically with the
previously programmed value).
•
Normal mode: once the DMA_SxNDTR register reaches zero, the stream is disabled
(the EN bit in the DMA_SxCR register is then equal to 0).
1.1.9
DMA FIFO mode
Each stream has an independent 4-word (4 * 32 bits) FIFO and the threshold level is
software-configurable between 1/4, 1/2, 3/4 or full. The FIFO is used to temporarily store
data coming from the source before transmitting them to the destination.
DMA FIFO can be enabled or disabled by software; when disabled, the Direct mode is used.
If DMA FIFO is enabled, data packing/unpacking and/or Burst mode can be used. The
configured DMA FIFO threshold defines the DMA memory port request time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com