Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4031 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4031
Description  Using the STM32F2 and STM32F4 DMA controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4031 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4031 Datasheet HTML 15Page - STMicroelectronics AN4031 Datasheet HTML 16Page - STMicroelectronics AN4031 Datasheet HTML 17Page - STMicroelectronics AN4031 Datasheet HTML 18Page - STMicroelectronics AN4031 Datasheet HTML 19Page - STMicroelectronics AN4031 Datasheet HTML 20Page - STMicroelectronics AN4031 Datasheet HTML 21Page - STMicroelectronics AN4031 Datasheet HTML 22Page - STMicroelectronics AN4031 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
DocID022648 Rev 1
19/36
AN4031
System performance considerations
35
2.1.2
Round-robin priority scheme
A round-robin priority scheme is implemented at bus matrix level in order to ensure that
each master can access any slave with very low latency:
•
Round-robin arbitration policy allows a fair distribution of bus bandwidth.
•
Maximum latency is bounded.
•
Round-robin quantum is 1x transfer.
Bus matrix arbiters intervene to solve access conflicts when several AHB masters try to
access the same AHB slave simultaneously.
In the following example (Figure 8), both the CPU and DMA1 try to access SRAM1 to read
data.
Figure 8. CPU and DMA1 request an access to SRAM1
In case of bus access concurrency as in the above example, a bus matrix arbitration is
required. The round-robin policy is then applied in order to solve the issue: if the last master
which wan the bus was the CPU, during the next access DMA1 wins the bus and accesses
SRAM1 first. The CPU has then the rights to access SRAM1.
This proves that the transfer latency associated to one master depends on the number of
other pending master requests to access the same AHB slave. In the following example
(Figure 9), five masters try to access simultaneously SRAM1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com