Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4031 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4031
Description  Using the STM32F2 and STM32F4 DMA controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4031 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4031 Datasheet HTML 9Page - STMicroelectronics AN4031 Datasheet HTML 10Page - STMicroelectronics AN4031 Datasheet HTML 11Page - STMicroelectronics AN4031 Datasheet HTML 12Page - STMicroelectronics AN4031 Datasheet HTML 13Page - STMicroelectronics AN4031 Datasheet HTML 14Page - STMicroelectronics AN4031 Datasheet HTML 15Page - STMicroelectronics AN4031 Datasheet HTML 16Page - STMicroelectronics AN4031 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
DocID022648 Rev 1
13/36
AN4031
DMA controller description
35
1.1.10
Source and destination burst size
Burst transfers are guaranteed by the implemented DMA FIFOs.
Figure 5. DMA burst transfer
In response to a burst request from peripheral DMA reads/writes the number of data units
(data unit can be a word, a half-word, or a byte) programmed by the burst size (4x, 8x or 16x
data unit). The burst size on the DMA peripheral port must be set according to the peripheral
needs/capabilities.
The DMA burst size on the memory port and the FIFO threshold configuration must match.
This allows the DMA stream to have enough data in the FIFO when burst transfer on the
memory port is started. Table 6 shows the possible combinations of memory burst size,
FIFO threshold configuration and data size.
To ensure data coherence, each group of transfers that form a burst is indivisible: AHB
transfers are locked and the arbiter of the AHB bus matrix does not remove the DMA
master’s access rights during the burst transfer sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com