Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4031 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4031
Description  Using the STM32F2 and STM32F4 DMA controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4031 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4031 Datasheet HTML 19Page - STMicroelectronics AN4031 Datasheet HTML 20Page - STMicroelectronics AN4031 Datasheet HTML 21Page - STMicroelectronics AN4031 Datasheet HTML 22Page - STMicroelectronics AN4031 Datasheet HTML 23Page - STMicroelectronics AN4031 Datasheet HTML 24Page - STMicroelectronics AN4031 Datasheet HTML 25Page - STMicroelectronics AN4031 Datasheet HTML 26Page - STMicroelectronics AN4031 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
DocID022648 Rev 1
23/36
AN4031
System performance considerations
35
2.2.2
DMA transfer states
This section explains the DMA transfer steps at the peripheral port level and also at the
memory port level:
•
For a peripheral-to-memory transfer:
In this transfer mode, DMA requires two bus accesses to perform the transfer:
–
One access over the peripheral port triggered by the peripheral’s request,
–
One access over the memory port which can be triggered either by the FIFO
threshold (when FIFO mode is used) or immediately after peripheral read (when
Direct mode is used).
Figure 12. Peripheral-to-memory transfer states
•
For a memory-to-peripheral transfer:
In this transfer mode, DMA requires two bus accesses to perform the transfer:
–
DMA anticipates the peripheral’s access and reads data from the memory and
stores it in FIFO to ensure an immediate data transfer as soon as a DMA
peripheral request is triggered.
–
When a peripheral request is triggered, a transfer is generated on the DMA
peripheral port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com