Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4031 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4031
Description  Using the STM32F2 and STM32F4 DMA controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4031 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4031 Datasheet HTML 17Page - STMicroelectronics AN4031 Datasheet HTML 18Page - STMicroelectronics AN4031 Datasheet HTML 19Page - STMicroelectronics AN4031 Datasheet HTML 20Page - STMicroelectronics AN4031 Datasheet HTML 21Page - STMicroelectronics AN4031 Datasheet HTML 22Page - STMicroelectronics AN4031 Datasheet HTML 23Page - STMicroelectronics AN4031 Datasheet HTML 24Page - STMicroelectronics AN4031 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
DocID022648 Rev 1
21/36
AN4031
System performance considerations
35
Figure 10. DMA transfer delay due to CPU transfer issued by interrupt
The above figure details the case of a DMA transfer delayed by a CPU multi-cycle transfer
due to an interrupt entry. DMA memory port is triggered to perform a memory access. After
arbitration, AHB bus is not granted to DMA1 memory port but to CPU System Bus. An
additional delay is observed to serve the DMA request. It is 8 AHB cycles for a CPU transfer
issued by interrupt.
The same behavior can be observed with other masters (like DMA2, USB_HS, Ethernet…)
when addressing simultaneously the same slave with a transaction length different from one
data unit.
In order to improve DMA access performance over BusMatrix, it is recommended to avoid
bus contention.
2.2
DMA transfer paths
2.2.1
Dual DMA port
STM32F2/F4 devices embed two DMAs. Each DMA has two ports, a memory port and a
peripheral port, which can operate simultaneously not only at DMA level but also with other
system masters, using the external bus matrix and dedicated DMA paths.
The simultaneous operation allows to optimize DMA efficiency and to reduce response time
(wait time between request and data transfer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com