Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 126 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 122Page - STMicroelectronics UM0851 Datasheet HTML 123Page - STMicroelectronics UM0851 Datasheet HTML 124Page - STMicroelectronics UM0851 Datasheet HTML 125Page - STMicroelectronics UM0851 Datasheet HTML 126Page - STMicroelectronics UM0851 Datasheet HTML 127Page - STMicroelectronics UM0851 Datasheet HTML 128Page - STMicroelectronics UM0851 Datasheet HTML 129Page - STMicroelectronics UM0851 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 245 page
background image
Non-volatile memory device drivers
UM0851
126/245
Doc ID 16604 Rev 2
u_long erasesize;
Size in bytes of the "erase block" of this memory
device - the smallest area which can be erased in a
single erase command.
u_long oobblock;
u_long oobsize;
Some memory technologies support out-of-band data - for
example, NAND flash has 16 extra bytes per 512-byte
page, for error correction or metadata. oobsize and
oobblock hold the size of each out-of-band area, and
the number of bytes of "real" memory with which each is
associated, respectively. As an example, NAND flash,
would have oobblock == 512 and oobsize == 16 to show
that it has 16 bytes of OOB data per 512 bytes of
flash.
u_long ecctype;
Some hardware not only allows access to flash or
similar devices,
u_long eccsize;
but also has ECC (error correction) capabilities built-
in to the interface. The eccsize holds the size of the
blocks on which the hardware can perform automatic ECC.
int (*erase) (struct mtd_info *mtd, struct erase_info *instr);
This routine adds a struct erase_info to the erase queue for the device. This
routine may sleep until the erase had finished, or it may simply queue the
request and return immediately. The struct erase_info contains a pointer to a
callback function which will be called by the driver module when the erase has
completed.
int (*read) (struct mtd_info *mtd, loff_t from, size_t len, u_char *buf);
int (*write) (struct mtd_info *mtd, loff_t to, size_t len, const u_char *buf);
Read and write functions for the memory device. These may sleep, and should not
be called from IRQ context or with locks held. The buf argument is assumed to
be in kernel-space. If you need to copy to userspace, either use a kiobuf to
lock down the pages first, or use a bounce buffer.
int (*read_ecc) (struct mtd_info *mtd, loff_t from, size_t len, u_char *buf,
u_char *eccbuf);
int (*write_ecc) (struct mtd_info *mtd, loff_t to, size_t len, const u_char *buf,
u_char*eccbuf);
For devices which support automatic ECC generation or checking, these routines
behave just the same at the read/write functions above, but with the addition
that the write_ecc function places the generated ECC data into eccbuf, and the
read_ecc function verifies the ECC data and attempts to correct any errors
which it detects.
int (*read_oob) (struct mtd_info *mtd, loff_t from, size_t len, u_char *buf);
int (*write_oob) (struct mtd_info *mtd, loff_t to, size_t len, const u_char *buf);
For devices which have out-of-band data, these functions provide access to
it.The from/to address is the address of the start of the real page of memory
with which the OOB data is associated, added to the offset within the OOB
block.
Example: To specify the 5th byte of the OOB data associated with the NAND flash
page at 0x1000 in the device, you would pass address 0x1005
};
The NAND device driver populates the struct mtd_info to MTD layer by calling the following
routines.
#ifdef CONFIG_MTD_PARTITIONS
err = add_mtd_partitions( &mtd, v->mtd_parts, mtd_parts_nb );



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com