Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 130 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 126Page - STMicroelectronics UM0851 Datasheet HTML 127Page - STMicroelectronics UM0851 Datasheet HTML 128Page - STMicroelectronics UM0851 Datasheet HTML 129Page - STMicroelectronics UM0851 Datasheet HTML 130Page - STMicroelectronics UM0851 Datasheet HTML 131Page - STMicroelectronics UM0851 Datasheet HTML 132Page - STMicroelectronics UM0851 Datasheet HTML 133Page - STMicroelectronics UM0851 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 245 page
background image
Non-volatile memory device drivers
UM0851
130/245
Doc ID 16604 Rev 2
The Flash contains four kinds of blocks (16 KBytes):
●
Factory-default bad blocks. Usually NAND vendors mark the 5th OOB byte as non
0xFF in the first and/or second page in blocks that are bad for the 512 page size NAND
Flash.
●
Worn-out bad blocks
●
Good blocks
●
The first block: this block is guaranteed not to require error correction up to 1000 writes.
This is needed because the initial boot code cannot do ECC.
NAND Flash also guarantees that a minimum of 98% of the blocks are good.
Since the usual bad block marker in the OOB area does not allow us to distinguish between
factory-bad and worn-out-bad blocks, we need to store this information elsewhere. This
place is called bad-block table (BBT) and is stored as a bitmap in the last two good blocks at
the end of NAND.
To increase security, a backup of those two blocks is kept in the two preceding good blocks
as well. The BBT location itself is identified by special markers (BBT0/BBT1) in the OOB
area of the first page of the respective erase blocks. The BBT consists of two bits per block
Both U-Boot and Linux implement the same BBT layout and thus interoperate quite well.
The BBT is created once a BBT-implementing U-Boot is started for the first time. The BBT
scanning code assumes that the NAND is completely erased, and only contains 0xFF as
content. Any block that contains bytes != 0xFF in the OOB is marked as "factory bad" block.
In order to maintain the BBT created by U-Boot, the kernel needs to have BBT support
enabled.
In Linux, nand_scan() calls the function nand_default_bbt(). nand_default_bbt() selects
appropriate default bad block table descriptors depending on the chip information which was
retrieved by nand_scan(). The standard policy is scanning the device for bad blocks and
build a RAM based bad block table which allows faster access than always checking the bad
block information on the Flash chip itself.
To skip this process NAND_SKIP_BBTSCAN can be used.
Flash based tables
It may be desired or necessary to keep a bad block table in Flash. This is mandatory for
those chips which have no factory marked bad blocks rather have factory marked good
blocks. The marker pattern is erased when the block is erased to be reused. So in case of
power loss before writing the pattern back to the chip this block would be lost and added to
the bad blocks. Therefore we scan the chips when we detect them the first time for good
blocks and store this information in a bad block table before erasing any of the blocks.
The blocks in which the tables are stored are protected against accidental access by
marking them bad in the memory bad block table. The bad block table management
functions are allowed to circumvent this protection
The blocks in which the tables are stored are protected against accidental access by
marking them bad in the memory bad block table. The bad block table management
functions are allowed to circumvent this protection.
The simplest way to activate the Flash based bad block table support is to set the option
NAND_USE_FLASH_BBT in the option field of the NAND chip structure before calling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com