Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 172 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 168Page - STMicroelectronics UM0851 Datasheet HTML 169Page - STMicroelectronics UM0851 Datasheet HTML 170Page - STMicroelectronics UM0851 Datasheet HTML 171Page - STMicroelectronics UM0851 Datasheet HTML 172Page - STMicroelectronics UM0851 Datasheet HTML 173Page - STMicroelectronics UM0851 Datasheet HTML 174Page - STMicroelectronics UM0851 Datasheet HTML 175Page - STMicroelectronics UM0851 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 245 page
background image
Accelerator engine device drivers
UM0851
172/245
Doc ID 16604 Rev 2
6.2.3
DMA device driver performance
The driver performance was evaluated using the following setup:
●
Target device: SPEAr600
–
CPU: 332 MHz - AHB: 166 MHz - DDR: 333 MHz
●
Test method: Use of DMA memory to memory (DDR to DDR) transfers with a single
master for both source and destination transfers.
To test the driver performance:
1.
Select CONFIG_DMATEST as Module under device drivers/DMA Engine support/ in
menuconfig
2.
Compile modules with make modules
3.
After linux boot up, “insmod dmatest.ko” will start dma memcpy transfers on multiple
threads
4.
Doing “rmmod dmatest.ko” stops all dma mempy transfers and shows its result as pass
or fail
Note:
The dmatest.ko is a standard module that does not provide any performance evaluation
features, but only testing capabilites. The module has been slightly modified in order to
provide performance results.
Table 44.
DMA device performance results
Burst Size
Data Copied
(MBytes)
Time Taken
(uS)
DMA Throughput
(MB/s)
1
16
938511
17.88
4
16
205907
81.48
8
16
125076
134.14
16
16
89077
188.35
32
16
89118
188.26
64
16
89075
188.35
128
16
89077
188.35
256
16
89080
188.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com