Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 174 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 170Page - STMicroelectronics UM0851 Datasheet HTML 171Page - STMicroelectronics UM0851 Datasheet HTML 172Page - STMicroelectronics UM0851 Datasheet HTML 173Page - STMicroelectronics UM0851 Datasheet HTML 174Page - STMicroelectronics UM0851 Datasheet HTML 175Page - STMicroelectronics UM0851 Datasheet HTML 176Page - STMicroelectronics UM0851 Datasheet HTML 177Page - STMicroelectronics UM0851 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 245 page
background image
Human interface device (HID) drivers
UM0851
174/245
Doc ID 16604 Rev 2
7
Human interface device (HID) drivers
This section groups all drivers related to SPEAr human interface devices.
7.1
Touchscreen driver
7.1.1
Hardware overview
There is no dedicated Touchscreen controller in SPEAr. Instead, a combination of ADC and
GPIO functions are used for Touchscreen operation. ADC channels 5 and 6 are used to
read the X and Y-coordinates respectively. By pulling GPIO high or low the device-driver
selects either ADC Channel 5 or 6.
Figure 45.
Interfacing between CLCD panel and SPEAr
7.1.2
Software overview
The touchscreen device driver reads all the touch related value from the ADC channels and
provides all the necessary functions for the application via the standard Linux Input Device
Layer Interface. The overall touchscreen software system architecture is represented in the
Figure 46.
SPEAr
CLCD panel
ADC channel 5
ADC channel 6
GPIO pin
(product specific)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com