Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78323LP Datasheet(PDF) 29 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 29 Page - NEC

Back Button UPD78323LP Datasheet HTML 25Page - NEC UPD78323LP Datasheet HTML 26Page - NEC UPD78323LP Datasheet HTML 27Page - NEC UPD78323LP Datasheet HTML 28Page - NEC UPD78323LP Datasheet HTML 29Page - NEC UPD78323LP Datasheet HTML 30Page - NEC UPD78323LP Datasheet HTML 31Page - NEC UPD78323LP Datasheet HTML 32Page - NEC UPD78323LP Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
29
µPD78323, 78324
2.3.1
General Register Addressing
The general registers consist of eight register banks, each consisting of sixteen 8-bit registers or eight 16-bit registers.
General register addressing is carried out using the register specify field of 3 or 4 bits supplied from an instruction word,
the register bank select flag (RBS0 to RBS2) and the register set select flag (RSS) in the PSW.
2.3.2
Short Direct Addressing
Short direct addressing which enables direct address specification by 1-byte data in an instruction work is applied to the
FE20H to FF1FH space. The short direct memory is accessed as 8-bit or 16-bit data. When accessing the memory as 16-
bit data, specification of even data for 1-byte address specify data will cause 2-byte data specified by continuous addresses
of even and odd addresses to be accessed. (Do not specify odd number for address specify data.)
2.3.3
Special Function Register (SFR) Addressing
This addressing is applied to operations for the special function register (SFR) mapped in the SFR area of FF00H to
FFFFH. Addressing is performed by 1-byte data in the instruction word corresponding to the lower 8 bits of the special
function register address. For 16-bit access of 16-bit operational SFR, 2-byte data specified by continuous even and odd
addresses is accessed as is the case with short direct addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com