Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78323LP Datasheet(PDF) 76 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 76 Page - NEC

Back Button UPD78323LP Datasheet HTML 72Page - NEC UPD78323LP Datasheet HTML 73Page - NEC UPD78323LP Datasheet HTML 74Page - NEC UPD78323LP Datasheet HTML 75Page - NEC UPD78323LP Datasheet HTML 76Page - NEC UPD78323LP Datasheet HTML 77Page - NEC UPD78323LP Datasheet HTML 78Page - NEC UPD78323LP Datasheet HTML 79Page - NEC UPD78323LP Datasheet HTML 80Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
76
µPD78323, 78324
11. RECOMMENDED SOLDERING CONDITIONS
The
µPD78323 and 78324 should be soldered and mounted under the conditions recommended in the table below.
For detail of recommended soldering conditions, refer to the information document Semiconductor Device Mount-
ing Technology Manual (IE1-1207).
For soldering methods and conditions other than those recommended below, contact our salesman.
Table 11-1. Soldering Conditions for Surface Mount Type
µPD78323GJ-5BJ
: 74-pin plastic QFP (20
× 20 mm)
µPD78324GJ-×××-5BJ : 74-pin plastic QFP (20 × 20 mm)
Soldering Method
Soldering Conditions
Package peak temperature: 230
°C, Time: 30 sec. max. (at 210 °C or above)
Infrared reflow
Number of times: Once, Time limit: 7 daysNote (thereafter 10 hours prebaking
required at 125
°C)
Package peak temperature: 215
°C, Time: 40 sec. max. (at 200 °C or above)
VPS
Number of times: Once, Time limit: 7 daysNote (thereafter 10 hours prebaking
required at 125
°C)
Pin temperature: 300
°C max, Time: 3 sec. max. (Per side of the device)
Recommended
Condition Symbol
Soldering Method
Soldering Conditions
Package peak temperature: 235
°C, Time: 30 sec. max. (at 210 °C or above)
Number of times: twice or less, Time limit: 7 daysNote (thereafter 36 hours
prebaking required at 125 ˚C)
<Caution>
(1)
The second reflow should be started after the temperature of the device
which would have been changed by the first reflow has returned to normal.
(2)
Please avoid flux water washing after the first reflow.
Package peak temperature: 215
°C, Time: 40 sec. max. (at 200 °C or above),
Number of times: twice or less, Time limit: 7 daysNote (thereafter 36 hours
prebaking required at 125 ˚C)
<Caution>
(1)
The second reflow should be started after the temperature of the device
which would have been changed by the first reflow has returned to normal.
(2)
Please avoid flux water washing after the first reflow.
Pin temperature: 300
°C max., Time: 3 sec. max. (Per side of the device))
Recommended
Condition Symbol
Infrared reflow
IR30-367-2
VP15-367-2
µPD78323LP
: 68-pin plastic QFJ (
950 mil)
µPD78324LP-××× : 68-pin plastic QFJ ( 950 mil)
Pin part heating
IR30-107-1
VP15-107-1
VPS
Note For the storage period after dry-pack decompression, storage conditions are max. 25
°C, 65 % RH.
Caution Use more than one soldering method should be avoided (except in the case of pin part heating).
Pin part heating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com