Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78323LP Datasheet(PDF) 17 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 17 Page - NEC

Back Button UPD78323LP Datasheet HTML 13Page - NEC UPD78323LP Datasheet HTML 14Page - NEC UPD78323LP Datasheet HTML 15Page - NEC UPD78323LP Datasheet HTML 16Page - NEC UPD78323LP Datasheet HTML 17Page - NEC UPD78323LP Datasheet HTML 18Page - NEC UPD78323LP Datasheet HTML 19Page - NEC UPD78323LP Datasheet HTML 20Page - NEC UPD78323LP Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
17
µPD78323, 78324
Note
Maintenance product
(2)
CALLT table area
32 tables of call addresses of 1-byte call instruction (CALLT) can be stored in the 0040H to 007FH 64-byte area.
If bit 1 (TPF) of CPU control word (CCW) is set to 1, the 8040H to 807FH external memory area is used as a CALLT
instruction table in place of 0040H to 007FH.
(3)
CALLF entry area
The 0800H to 0FFFH area can be directly subroutine-called by 2-byte call instruction (CALLF).
(4)
On-chip RAM area
A 1024-byte RAM is built in FB00H to FEFFH. This area is composed of the following 2 RAMs.
• Peripheral RAM : FB00H to FDFFH (768 bytes)
• Main RAM
: FE00H to FEFFH (256 bytes)
The main RAM can be accessed at high speed.
In the main RAM area, the macro service control word and general register group composed of 8 register banks are
mapped onto the 36 bytes from FE06H to FE2BH and the 128 bytes from FE80H to FEFFH, respectively.
(5)
Special function register (SFR) area
Registers having specially assigned functions, such as on-chip peripheral hardware mode registers and control registers,
are mapped in the FF00H to FFFFH area. Addresses without mapped registers cannot be accessed.
(6)
External memory area
The
µPD78324 can add external memories (ROM, RAM) to the 32K-byte (8000H to FFFFH) area.
The
µPD78323 can connect external memories (ROM, RAM) to the 64K-byte (0000H to FFFFH) area.
Each external memory can be accessed using P40/AD0 to P47/AD7 (multiplexed address/data bus), P50/A8 to P57/A15
(address bus) and RD, WR and ASTB signals.
The external access area is mapped in the FFD0H to FFDFH 16-byte area of the special function register (SFR). In this
way, the external memory can be accessed by SFR addressing.
Dedicated pins (TAS and TMD pins) are provided to connect turbo access manager (
µPD71P301)Note. If the µPD71P301
is used, the program processing speed equal to that of the on-chip ROM can be obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com