Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78323LP Datasheet(PDF) 83 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 83 Page - NEC

Back Button UPD78323LP Datasheet HTML 78Page - NEC UPD78323LP Datasheet HTML 79Page - NEC UPD78323LP Datasheet HTML 80Page - NEC UPD78323LP Datasheet HTML 81Page - NEC UPD78323LP Datasheet HTML 82Page - NEC UPD78323LP Datasheet HTML 83Page - NEC UPD78323LP Datasheet HTML 84Page - NEC UPD78323LP Datasheet HTML 85Page - NEC UPD78323LP Datasheet HTML 86Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
83
µPD78323, 78324
B.2
EVALUATION TOOLS
To evaluate the functions of the
µPD78324, the following tools are made available.
Part Number
EB-78320-98
EB-78320-PC
Function
By connecting to a host machine, it is possible
to evaluate the functions equipped by the
µPD78324 in a simple manner. The command
system of this product basically conforms to
that of IE-78327-R and IE-78320-R. Therefore,
it is easy to move to the development work of
application systems by IE-78327-R or IE-
78320-R. In addition a turbo access manager
(
µPD71P301)Note can be mounted on the
board.
Host Machine
PC-9800 series
IBM PC/AT or its compatible
machine
Real-time OS (RX78K/III)
The RX78K/III is designed to provide a multi-task environment in the field of control
application where real-time operation is required. By using this real-time OS, the
performance of the whole system can be improved by allocating CPU’s idle time to
other processings.
The RX78K/III provides the system call based on the
µITRON specifications.
The RX78K/III package provides tools (configurators) for creating RX78K/III’s nucleus
and multiple information table.
Host machine
PC-9800 series
IBM PC/AT and its
compatible machine
Supply medium
3.5-inch 2HD
5-inch 2HD
3.5-inch 2HC
5-inch 2HC
Part number
µS5A13RX78320
µS5A10RX78320
µS7B13RX78320
µS7B10RX78320
OS
MS-DOS
PC DOS
Caution
To purchase the operating system above, you need to fill in a purchase application form
beforehand and sign a contract allowing you to use the software.
Remark
When using the real-time OS RX78K/III, you need the assembler package RA78K/III (optional) as well.
Note
The turbo access manager (
µPD71P301) is a maintenance product.
Cautions
1. This product is not a development tool of
µPD78324 application systems.
2. This product is not equipped with the emulation function for executing the ROM incorporated
in the
µPD78324.
B.3
EMBEDDED SOFTWARE
The following embedded software programs are available to perform program development and maintenance
more efficiently.
Eeal-time OS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com