Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78323LP Datasheet(PDF) 63 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 63 Page - NEC

Back Button UPD78323LP Datasheet HTML 59Page - NEC UPD78323LP Datasheet HTML 60Page - NEC UPD78323LP Datasheet HTML 61Page - NEC UPD78323LP Datasheet HTML 62Page - NEC UPD78323LP Datasheet HTML 63Page - NEC UPD78323LP Datasheet HTML 64Page - NEC UPD78323LP Datasheet HTML 65Page - NEC UPD78323LP Datasheet HTML 66Page - NEC UPD78323LP Datasheet HTML 67Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
63
µPD78323, 78324
9.
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
IOL
IOH
VIAN
V
V
AVREF
AVDD
> VDD
VDD
≥ AVDD
AVDD
> VDD
VDD
≥ AVDD
Notes 1. Except the pin described in Note 2.
2. P70/ANI0 to P77/ANI7 pins
Caution If the absoute maximum rating of any one of the parameters is exceeded even momentarily, the quality
of the product may be degraded. In other words, the product may be physically damaged if any of the
absolute maximum raings is exceeded. Be sure to use the product without exceeding these rarings.
RECOMMENDED OPERATING CONDITION
Oscillation frequency
TA
VDD
8 MHz
≤ fXX ≤ 16 MHz
–10 to +70
°C
+5.0 V
±10 %
CAPACITANCE (TA = 25
°C, VSS = VDD = 0 V)
Parameter
Symbol
Test Conditions
Rating
Unit
VDD
–0.5 to + 7.0
V
AVDD
–0.5 to VDD + 0.5
V
AVSS
–0.5 to + 0.5
V
VI
Note 1
–0.5 to VDD + 0.5
V
VO
–0.5 to VDD + 0.5
V
All output pins
4.0
mA
All output pins total
90
mA
All output pins
–1.0
mA
All output pins total
–20
mA
–0.5 to VDD + 0.5
–0.5 to AVDD + 0.5
–0.5 to VDD + 0.3
–0.5 to AVDD + 0.3
TA
–10 to + 70
°C
Tstg
–65 to + 150
°C
Note 2
Supply voltage voltage
Input voltage
Output voltage
Output current low
Output current high
Analog input voltage
A/D converter reference
input voltage
Operating ambient temperature
Storage temperature
TYP.
MAX.
10
20
20
Unit
pF
pF
pF
MIN.
Parameter
Input capacitance
Output capacitance
I/O capacitance
Test Conditions
Symbol
CI
CO
CIO
f=1 MHz
Unmeasured pins returned to 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com