Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78323LP Datasheet(PDF) 74 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 74 Page - NEC

Back Button UPD78323LP Datasheet HTML 70Page - NEC UPD78323LP Datasheet HTML 71Page - NEC UPD78323LP Datasheet HTML 72Page - NEC UPD78323LP Datasheet HTML 73Page - NEC UPD78323LP Datasheet HTML 74Page - NEC UPD78323LP Datasheet HTML 75Page - NEC UPD78323LP Datasheet HTML 76Page - NEC UPD78323LP Datasheet HTML 77Page - NEC UPD78323LP Datasheet HTML 78Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 86 page
background image
74
µPD78323, 78324
10. PACKAGE DRAWINGS
74 PIN PLASTIC QFP (
20)
ITEM
MILLIMETERS
INCHES
F1
F2
I
2.0
1.0
0.20
Q
0.079
0.039
0.008
S74GJ-100-5BJ-3
NOTE
Each lead centerline is located within 0.20 mm (0.008 inch) of
its true position (T.P.) at maximum material condition.
C
20.0±0.2
0.787
M
0.15
0.006
0.1±0.1
0.004±0.004
+0.004
–0.003
+0.009
–0.008
A
23.2±0.4
0.913
H
0.40±0.10
0.016+0.004
–0.005
L
0.8±0.2
0.031+0.009
–0.008
N
0.10
0.004
P
3.7
0.146
S
4.0 MAX.
0.158 MAX.
+0.10
–0.05
B
20.0±0.2
0.787+0.009
–0.008
+0.017
–0.016
J
1.0 (T.P.)
0.039 (T.P.)
R5
°±5°
5
°±5°
D
23.2±0.4
0.913+0.017
–0.016
G1
G2
2.0
1.0
0.079
0.039
K
1.6±0.2
0.063±0.008
A
B
G1
H
IJ
N
K
L
detail of lead end
M
56
57
37
74
1
19
18
38
G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com