Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78323LP Datasheet(PDF) 44 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 44 Page - NEC

Back Button UPD78323LP Datasheet HTML 40Page - NEC UPD78323LP Datasheet HTML 41Page - NEC UPD78323LP Datasheet HTML 42Page - NEC UPD78323LP Datasheet HTML 43Page - NEC UPD78323LP Datasheet HTML 44Page - NEC UPD78323LP Datasheet HTML 45Page - NEC UPD78323LP Datasheet HTML 46Page - NEC UPD78323LP Datasheet HTML 47Page - NEC UPD78323LP Datasheet HTML 48Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
44
µPD78323, 78324
4.3
CONTEXT SWITCHING FUNCTION
This is the function to first select the specified register bank in hardware terms by generating an interrupt request or
executing BRKCS instruction, to branch the selected register bank to the vector address prestored in the register bank, and
also to stack the current PC and PSW contents into the register bank.
4.3.1
Context Switching Function at Interrupt Request
The context switching function start is enabled by setting the
× ×CSE bit preset at each interrupt request to 1.
If an unmasked interrupt request for which the context switching function has been enabled is generated in the EI state,
the register bank which is specified by the lower 3 bits of the lower address (even address) of the corresponding interrupt
vector table address is selected. The vector address prestored in the selected register bank is transferred to the PC, the
PC and PSW contents are saved into the register bank, and the operation is branched to the interrupt processing routine.
Return is by means of executing the RETCS instruction.
Figure 4-3. Context Switching at Interrupt Request
Register
Banks
(0 to 7)
RBANK n
PC
PSW
Exchange
Save
A
B
R5
R7
D
H
X
C
R4
R6
E
L
VP
UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com