Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 137 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 137 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 133Page - Microchip Technology PIC16F628 Datasheet HTML 134Page - Microchip Technology PIC16F628 Datasheet HTML 135Page - Microchip Technology PIC16F628 Datasheet HTML 136Page - Microchip Technology PIC16F628 Datasheet HTML 137Page - Microchip Technology PIC16F628 Datasheet HTML 138Page - Microchip Technology PIC16F628 Datasheet HTML 139Page - Microchip Technology PIC16F628 Datasheet HTML 140Page - Microchip Technology PIC16F628 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 137
PIC16F62X
TABLE 17-1:
COMPARATOR SPECIFICATIONS
TABLE 17-2:
VOLTAGE REFERENCE SPECIFICATIONS
Operating Conditions: 3.0V
< VDD <5.5V, -40°C < TA < +125°C, unless otherwise stated.
Param
No.
Characteristics
Sym
Min
Typ
Max
Units
Comments
D300
Input offset voltage
VIOFF
-
± 5.0
± 10
mV
D301
Input common mode voltage*
VICM
0-
VDD - 1.5
V
D302
Common Mode Rejection Ratio*
CMRR
55
-
-
db
300
300A
Response Time(1)*
TRESP
-150
400
600
ns
ns
16F62X
16LF62X
301
Comparator Mode Change to
Output Valid*
TMC2OV
--
10
µs
* These parameters are characterized but not tested.
Response time measured with one comparator input at (VDD - 1.5)/2 while the other input transitions from VSS to VDD.
Operating Conditions: 3.0V < VDD < 5.5V, -40
°C < TA < +125°C, unless otherwise stated.
Spec
No.
Characteristics
Sym
Min
Typ
Max
Units
Comments
D310
Resolution
VRES
VDD/24
-
VDD/32
LSb
D311
Absolute Accuracy
VRAA
-
-
-
-
1/4
1/2
LSb
LSb
Low Range (VRR = 1)
High Range (VRR = 0)
D312
Unit Resistor Value (R)*
VRUR
-2k
-
Ω
310
Settling Time(1)*
TSET
-
-
10
µs
* These parameters are characterized but not tested.
Settling time measured while VRR = 1 and VR<3:0> transitions from 0000 to 1111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com