Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 138 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 138 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 134Page - Microchip Technology PIC16F628 Datasheet HTML 135Page - Microchip Technology PIC16F628 Datasheet HTML 136Page - Microchip Technology PIC16F628 Datasheet HTML 137Page - Microchip Technology PIC16F628 Datasheet HTML 138Page - Microchip Technology PIC16F628 Datasheet HTML 139Page - Microchip Technology PIC16F628 Datasheet HTML 140Page - Microchip Technology PIC16F628 Datasheet HTML 141Page - Microchip Technology PIC16F628 Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 160 page
background image
PIC16F62X
DS40300B-page 138
Preliminary
© 1999 Microchip Technology Inc.
17.4
Timing Parameter Symbology
The timing parameter symbols have been created with one of the following formats:
FIGURE 17-5: LOAD CONDITIONS
TABLE 17-3:
DC CHARACTERISTICS: PIC16F62X, PIC16LF62X
1. TppS2ppS
2. TppS
T
F
Frequency
T
Time
Lowercase subscripts (pp) and their meanings:
pp
ck
CLKOUT
osc
OSC1
io
I/O port
t0
T0CKI
mc
MCLR
Uppercase letters and their meanings:
S
F
Fall
P
Period
HHigh
R
Rise
I
Invalid (Hi-impedance)
V
Valid
L
Low
Z
Hi-Impedance
DC Characteristics
Standard Operating Conditions (unless otherwise stated)
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Data EEPROM Memory
D120
Ed
Endurance
1M*
10M
—E/W 25
°C at 5V
D121
Vdrw
VDD for read/write
VMIN
—5.5
V
VMIN = Minimum operating
voltage
D122
Tdew
Erase/Write cycle time
—
4
8*
ms
Program Flash Memory
D130
Ep
Endurance
1000*
10000
—
E/W
D131
Vpr
VDD for read
Vmin
—
5.5
V
VMIN = Minimum operating
voltage
D132
Vpew
VDD for erase/write
4.5
—
5.5
V
D133
Tpew
Erase/Write cycle time
—
4
8*
ms
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
VDD/2
CL
RL
Pin
Pin
VSS
VSS
CL
RL =464
Ω
CL = 50 pF
for all pins except OSC2
15 pF
for OSC2 output
Load condition 1
Load condition 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com