Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 149 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 149 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 145Page - Microchip Technology PIC16F628 Datasheet HTML 146Page - Microchip Technology PIC16F628 Datasheet HTML 147Page - Microchip Technology PIC16F628 Datasheet HTML 148Page - Microchip Technology PIC16F628 Datasheet HTML 149Page - Microchip Technology PIC16F628 Datasheet HTML 150Page - Microchip Technology PIC16F628 Datasheet HTML 151Page - Microchip Technology PIC16F628 Datasheet HTML 152Page - Microchip Technology PIC16F628 Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 149
PIC16F62X
Package Type:
K04-051 18-Lead Plastic Small Outline (SO) – Wide, 300 mil
0.014
0.009
0.010
0.011
0.005
0.005
0.010
0.394
0.292
0.450
0.004
0.048
0.093
MIN
n
Number of Pins
Mold Draft Angle Bottom
Mold Draft Angle Top
Lower Lead Width
Chamfer Distance
Outside Dimension
Molded Package Width
Molded Package Length
Overall Pack. Height
Lead Thickness
Radius Centerline
Foot Angle
Foot Length
Gull Wing Radius
Shoulder Radius
Standoff
Shoulder Height
β
α
R2
R1
E1
A2
A1
X
φ
B†
c
L1
L
E‡
D‡
A
Dimension Limits
Pitch
Units
p
18
18
0
0
12
12
15
15
4
0.020
0
0.017
0.011
0.015
0.016
0.005
0.005
0.407
0.296
0.456
0.008
0.058
0.099
0.029
0.019
0.012
0.020
0.021
0.010
0.010
8
0.419
0.299
0.462
0.011
0.068
0.104
0
0
12
12
15
15
0.42
0.27
0.38
0.41
0.13
0.13
0.50
10.33
7.51
11.58
0.19
1.47
2.50
0.25
0
0.36
0.23
0.25
0.28
0.13
0.13
10.01
7.42
11.43
0.10
1.22
2.36
0.74
48
0.48
0.30
0.51
0.53
0.25
0.25
10.64
7.59
11.73
0.28
1.73
2.64
INCHES*
0.050
NOM
MAX
1.27
MILLIMETERS
MIN
NOM
MAX
n
2
1
R2
R1
L1
L
β
c
φ
X
45 °
D
p
B
E
E1
α
A1
A2
A
* Controlling Parameter.
† Dimension “B” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B.”
‡ Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010” (0.254 mm) per side or 0.020” (0.508 mm) more than dimensions “D” or “E.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com