Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 150 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 150 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 146Page - Microchip Technology PIC16F628 Datasheet HTML 147Page - Microchip Technology PIC16F628 Datasheet HTML 148Page - Microchip Technology PIC16F628 Datasheet HTML 149Page - Microchip Technology PIC16F628 Datasheet HTML 150Page - Microchip Technology PIC16F628 Datasheet HTML 151Page - Microchip Technology PIC16F628 Datasheet HTML 152Page - Microchip Technology PIC16F628 Datasheet HTML 153Page - Microchip Technology PIC16F628 Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 160 page
background image
PIC16F62X
DS40300B-page 150
Preliminary
© 1999 Microchip Technology Inc.
Package Type:
K04-072 20-Lead Plastic Shrink Small Outline (SS) – 5.30 mm
MIN
p
Pitch
Mold Draft Angle Bottom
Mold Draft Angle Top
Lower Lead Width
Radius Centerline
Gull Wing Radius
Shoulder Radius
Outside Dimension
Molded Package Width
Molded Package Length
Shoulder Height
Overall Pack. Height
Lead Thickness
Foot Angle
Foot Length
Standoff
Number of Pins
β
α
c
φ
A2
A1
A
n
E1
B†
L1
R2
L
R1
E‡
D‡
Dimension Limits
Units
0.65
0.026
8
0
0
5
510
10
0.012
0.007
0.005
0.020
0.005
0.005
0.306
0.208
0.283
0.005
0.036
0.073
20
0.301
0
0.010
0.005
0.000
0.015
0.005
0.005
0.205
0.278
0.002
0.026
0.068
0.311
0.015
0.009
0.010
0.025
0.010
0.010
48
0.212
0.289
0.008
0.046
0.078
0
05
510
10
7.65
0.25
0.13
0.00
0.38
0.13
0.13
0
5.20
7.07
0.05
0.66
1.73
7.90
7.78
4
0.32
0.18
0.13
0.13
0.51
0.13
0.38
0.22
0.25
0.25
0.64
0.25
5.29
7.20
0.13
20
1.86
0.91
5.38
7.33
0.21
1.99
1.17
NOM
INCHES
MAX
NOM
MILLIMETERS*
MIN
MAX
n
1
2
R1
R2
D
p
B
E1
E
L1
L
c
β
φ
α
A1
A
A2
* Controlling Parameter.
† Dimension “B” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B.”
‡ Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010” (0.254 mm) per side or 0.020” (0.508 mm) more than dimensions “D” or “E.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com