Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 24Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 25Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 26Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 27Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 28Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 29Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 30Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 31Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 200 page
background image
PIC16C77X
DS30275A-page 28
Advance Information
© 1999 Microchip Technology Inc.
FIGURE 3-2:
BLOCK DIAGRAM OF
RA1:RA0 AND RA5 PINS
FIGURE 3-3:
BLOCK DIAGRAM OF
RA4/T0CKI PIN
TABLE 3-1
PORTA FUNCTIONS
TABLE 3-2
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Data
bus
Q
D
Q
CK
Q
D
Q
CK
QD
EN
P
N
WR
Port
WR
TRIS
Data Latch
TRIS Latch
RD TRIS
RD PORT
VSS
VDD
I/O pin(1)
Note 1:
I/O pins have protection diodes to VDD and
VSS.
Analog
input
mode
TTL
input
buffer
To A/D Converter
Data
bus
WR
PORT
WR
TRIS
RD PORT
Data Latch
TRIS Latch
RD TRIS
Schmitt
Trigger
input
buffer
N
VSS
I/O pin(1)
TMR0 clock input
Note 1: I/O pin has protection diodes to VSS only.
Q
D
Q
CK
Q
D
Q
CK
EN
QD
EN
Name
Bit#
Buffer
Function
RA0/AN0
bit0
TTL
Input/output or analog input0
RA1/AN1
bit1
TTL
Input/output or analog input1
RA2/AN2/VREF-/VRL
bit2
TTL
Input/output or analog input2 or VREF- input or internal reference
voltage low
RA3/AN3/VREF+/VRH
bit3
TTL
Input/output or analog input or VREF+ input or output of internal
reference voltage high
RA4/T0CKI
bit4
ST
Input/output or external clock input for Timer0
Output is open drain type
RA5/AN4(1)
bit5
TTL
Input/output or analog input
Legend: TTL = TTL input, ST = Schmitt Trigger input
Note 1: RA5 is reserved on the 28-pin devices, maintain this bit clear.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
05h
PORTA(1)
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--0x 0000
--0u 0000
85h
TRISA(1)
—
—
PORTA Data Direction Register
--11 1111
--11 1111
9Fh
ADCON1
ADFM
VCFG2
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
0000 0000
0000 0000
Legend: x = unknown, u = unchanged, - = unimplemented locations read as '0'. Shaded cells are not used by PORTA.
Note 1:
PORTA<5>, TRISA<5> are reserved on the 28-pin devices, maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com