Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 91Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 92Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 93Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 94Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 95Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 96Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 97Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 98Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 95
8.3
Connection Considerations for I2C
Bus
For standard-mode I2C bus devices, the values of
resistors
Rp Rs in Figure 8-42 depends on the following
parameters
• Supply voltage
• Bus capacitance
• Number of connected devices
(input current + leakage current).
The supply voltage limits the minimum value of resistor
Rp due to the specified minimum sink current of 3 mA
at VOL max = 0.4V for the specified output stages. For
example, with a supply voltage of VDD = 5V+10% and
VOL max = 0.4V at 3 mA, Rp min = (5.5-0.4)/0.003 =
1.7 k
Ω. VDD as a function of R
p is shown in Figure 8-42.
The desired noise margin of 0.1VDD for the low level
limits the maximum value of
Rs. Series resistors are
optional and used to improve ESD susceptibility.
The bus capacitance is the total capacitance of wire,
connections, and pins. This capacitance limits the max-
imum value of
Rp due to the specified rise time
(Figure 8-42).
The SMP bit is the slew rate control enabled bit. This bit
is in the SSPSTAT register, and controls the slew rate
of the I/O pins when in I2C mode (master or slave).
FIGURE 8-42: SAMPLE DEVICE CONFIGURATION FOR I2C BUS
Rp
Rp
VDD + 10%
SDA
SCL
NOTE: I2C devices with input levels related to VDD must have one common supply
line to which the pull up resistor is also connected.
DEVICE
Cb=10 - 400 pF
Rs
Rs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com