Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 185 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 185 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 181Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 182Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 183Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 184Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 185Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 186Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 187Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 188Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 185
17.10
K04-048 44-Lead Plastic Leaded Chip Carrier (L) – Square
*
Controlling Parameter.
†
Dimension “B1” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B1.”
‡
Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010" (0.254 mm) per side or 0.020" (0.508 mm) more than dimensions “D” or “E.”
JEDEC equivalent:MO-047 AC
0.015
0.003
0.050
0.015
0.026
0.008
0.610
0.610
0.650
0.650
0.685
0.685
0.000
0.040
0.024
0.015
0.095
0.165
MIN
p
Pitch
Mold Draft Angle Bottom
Mold Draft Angle Top
J-Bend Inside Radius
Shoulder Inside Radius
Upper Lead Length
Lower Lead Width
Upper Lead Width
Lead Thickness
Pins along Width
Footprint Length
Footprint Width
Molded Pack. Length
Molded Pack. Width
Overall Pack. Length
Overall Pack. Width
Corner Chamfer (other)
Corner Chamfer (1)
Side 1 Chamfer Dim.
Shoulder Height
Overall Pack. Height
Standoff
R2
R1
α
β
L
B
B1†
D2
E2
CH2
CH1
A3
A2
E1
c
n1
E‡
D‡
D1
A1
A
Number of Pins
Dimension Limits
Units
n
1.27
0.050
0
0
0.005
0.025
5
5
0.058
0.018
0.029
0.035
0.010
0.065
0.021
0.032
10
10
0.690
0.620
0.010
0.620
11
0.653
0.653
0.690
0.005
0.045
0.029
0.023
0.103
0.173
0.695
0.012
0.630
0.630
0.656
0.656
0.695
0.010
0.050
0.034
0.030
0.110
0.180
0.64
0.13
1.46
0.46
0.74
0.08
0.38
0
0
1.27
0.38
0.66
5
5
0.25
0.89
10
10
1.65
0.53
0.81
0.25
15.75
15.75
16.59
16.59
17.53
17.53
0.13
1.14
0.74
0.57
2.60
4.38
17.40
15.49
0.20
15.49
16.51
16.51
17.40
0.00
1.02
0.61
0.38
2.41
4.19
17.65
11
16.00
0.30
16.00
16.66
16.66
17.65
0.25
1.27
0.86
0.76
2.79
4.57
INCHES*
NOM
44
MAX
MILLIMETERS
MIN
NOM
MAX
44
1
CH2 x 45°
n
CH1 x 45°
2
β
R2
A1
R1
c
E2
D1
D
# leads = n1
E1
E
α
p
L
A3
A2
A
35°
B1
B
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com