| Electronic Components Datasheet Search |
|
XRT72L13 Datasheet(PDF) 38 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT72L13 Datasheet(HTML) 38 Page - Exar Corporation |
|
38 / 370 page ![]() XRT72L13 áç áç áç áç M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC REV. P1.0.6 PRELIMINARY 26 160 TxOHInd/ TxPLClkEnb O Transmit Overhead Data Indicator/Transmit Payload Data Clock Enable Output.. The funtion of this output pin depends upon whether the XRT72L13 is operating in the “Clear-Channel” or the “High-Speed HDLC Control- ler” Mode. Clear Channel Framer Mode. This output pin will pulse "high" one-bit period prior to the time that the Transmit Section of the XRT72L13 will be processing an Overhead bit. The purpose of this output pin is to warn the Terminal Equipment that, during the very next bit-period, the XRT72L13 is going to be pro- cessing an "Overhead" bit and will be ignoring any data that is applied to the "TxSer" input pin. NOTE: This output pin is only active if the XRT72L13 is operating in the "Serial" Mode. This output pin will be pulled "low" if the device is operating in the "Nibble-Parallel" Mode. High Speed HDLC Controller Mode. 161 TxNibClk O Transmit Nibble Clock Signal If the user opts to operate the XRT72L13 in the “Nibble-Parallel” mode, then the XRT72L13 will derive this clock signal from either the “TxInClk” or the “RxLineClk” signal (depending upon which signal is selected as the timing reference). The user is advised to configure the Terminal Equipment to output the “outbound” payload data (to the XRT72L13 Framer IC) onto the “TxNib[3:0]” input pins, upon the rising edge of this clock signal. NOTES: 1. The XRT72L13 M13/Framer IC will output 1176 clock edges (to the Terminal Equipment) for each “outbound” DS3 frame. 2. This pin is only active for “Clear-Channel Framer” applica- tions. PIN DESCRIPTIONS PIN #NAME TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |