| Electronic Components Datasheet Search |
|
XRT72L13 Datasheet(PDF) 47 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT72L13 Datasheet(HTML) 47 Page - Exar Corporation |
|
47 / 370 page ![]() áç áç áç áç XRT72L13 M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC PRELIMINARY REV. P1.0.6 35 197 RxNib_3/ RxRed O Receive Nibble Output - Bit 3/Receive Red Alarm Indicator: The funtion of this output pin depends upon whether the XRT72L13 is operating in the “Clear-Channel Framing/Nibble-Parallel” Mode or not.. Clear Channel Framer Applications - Receive Nibble Output - Bit 3 The Framer IC will output "Received data (from the Remote Terminal) to the local Terminal Equipment via this pin along with RxNib0, RxNib1 and RxNib2. The data at this pin is updated on the rising edge of the RxClk output signal. NOTE: This output pin is active only if the Nibble-Parallel Mode has been selected. All other Modes - Receiver Red Alarm Indicator: The Framer asserts this output pin to denote that one of the following events has been detected by the Receive Framer: • LOS - Loss of Signal Condition • OOF - Out of Frame Condition • AIS - Alarm Indication Signal Detection 198 RxNib_2/RxAIS O Receive Nibble Output - Bit 2/Receive AIS Condition Indicator: The funtion of this output pin depends upon whether the XRT72L13 is operating in the “Clear-Channel-Framing/Nibble-Parallel” Modes or not. Clear-Channel Framing/Nibble-Parallel Modes - Receive Nibble Output - Bit 2 The Framer IC will output "Received data (from the Remote Terminal) to the local Terminal Equipment via this pin along with RxNib0, RxNib1 and RxNib2. The data at this pin is updated on the rising edge of the RxClk output signal. All other Modes - Receive "Alarm Indication Signal" Output pin: The Framer will assert this pin to indicate that the Alarm Indication Signal (AIS) has been identified in the Receive DS3 data stream. An "AIS" is detected if the payload consists of the recurring pattern of 1010... and this pattern persists for 63 M-frames. An additional requirement for AIS indication is that the C-bits are set to 0, and the X- bits are set to 1. This pin will be negated when a sufficient number of frames, not exhibiting the "1010..." pattern in the payload has been detected. PIN DESCRIPTIONS PIN #NAME TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |