Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT72L13 Datasheet(PDF) 45 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 45 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 41Page - Exar Corporation XRT72L13 Datasheet HTML 42Page - Exar Corporation XRT72L13 Datasheet HTML 43Page - Exar Corporation XRT72L13 Datasheet HTML 44Page - Exar Corporation XRT72L13 Datasheet HTML 45Page - Exar Corporation XRT72L13 Datasheet HTML 46Page - Exar Corporation XRT72L13 Datasheet HTML 47Page - Exar Corporation XRT72L13 Datasheet HTML 48Page - Exar Corporation XRT72L13 Datasheet HTML 49Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
33
184
RLOL
I
Receive Loss of Lock Indicator - from the XRT7300 DS3/E3 Line
Interface Unit IC.
This input pin is intended to be connected to the RLOL (Receive Loss
of Lock) output pin of the XRT7300 Line Interface Unit IC. The user
can monitor the state of this pin by reading the state of Bit 1 (RLOL)
within the Line Interface Scan Register (Address = 0x81).
If this input pin is "low", then it means that the "clock recovery phase-
locked-loop" circuitry, within the XRT7300 is properly locked onto the
incoming DS3 data-stream; and is properly recovering clock and data
from this DS3 data-stream. However, if this input pin is "high", then it
means that the phase-locked-loop circuitry, within the XRT7300 has
lost lock with the incoming DS3 data-stream, and is not properly
recovering clock and data.
For more information on the operation of the XRT7300 DS3/E3 Line
Interface Unit IC, please consult the "XRT7300 DS3/E3 Line Interface
Unit" data sheet.
NOTE: This output pin can be used for a variety of other purposes if
the XRT7300 DS3/E3 LIU is not used.
185
ExtLOS
I
Receive LOS (Loss of Signal) Indicator Input (from XRT7300 LIU
IC).
This input pin is intended to be connected to the RLOS (Receive Loss
of Signal) output pin of the XRT7300 Line Interface Unit IC. The user
can monitor the state of this pin by reading the state of Bit 0 (RLOS)
within the Line Interface Scan Register (Address = 0x81).
If this input pin is "low", then it means that the XRT7300 is currently
NOT declaring an "LOS (Loss of Signal) condition. However, if this
input pin is "high", then it means that the XRT7300 is currently declar-
ing an LOS (Loss of Signal) condition.
For more information on the operation of the XR-T7300 DS3/E3 Line
Receiver IC, please consult the "XRT7300 DS3/STS-1/E3 Line Inter-
face Unit IC" data sheet.
NOTE: Asserting the RLOS input pin will cause the XRT72L13 M13
Multiplexer/Framer to declare an "LOS (Loss of Signal) condition.
Therefore, this input pin should not be used as a general purpose
input.
186
VDD
****
Power Supply Pin
187
RxVCOup
O
Receive VCO Frequency Increase:
188
RxVCOdown
O
Receive VCO Frequency Decrease:
189
RxLineClk
I
Receiver LIU (Recovered) Clock:
This input signal serves three purposes:
The Receive Framer uses it to sample and "latch" the signals at the
RxPOS and RxNEG input pins (into the Receive Framer circuitry).
This input signal functions as the timing reference for the Receive
Framer block.
The Transmit Framer block can be configured to use this input signal
as its timing reference.
NOTE: This signal is the recovered clock from the external DS3 LIU
(Line Interface Unit) IC, which is derived from the incoming DS3 data.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com