Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3910 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 29Page - Texas Instruments LP3910 Datasheet HTML 30Page - Texas Instruments LP3910 Datasheet HTML 31Page - Texas Instruments LP3910 Datasheet HTML 32Page - Texas Instruments LP3910 Datasheet HTML 33Page - Texas Instruments LP3910 Datasheet HTML 34Page - Texas Instruments LP3910 Datasheet HTML 35Page - Texas Instruments LP3910 Datasheet HTML 36Page - Texas Instruments LP3910 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
8.3.4.3 Thermal Charger Power FET Regulation
The internal power FET Q2 in the linear charger module is thermally regulated to the junction temperature of
115°C to ensure optimal charging of the battery. The charge current is limited by the charge current selected in
the charger control register but is also thermally limited to prevent the junction from overheating during high
charge currents at high ambient temperatures as the package power dissipation is limited.
Thermal regulation ensures maximum charge current and superior charge rate without exceeding the power
dissipation limits of LP3910 device.
8.3.4.4 Battery Charger Operating Modes
8.3.4.4.1
Pre-Qualification Mode
Lithium batteries cannot be subjected to a high current when the battery voltage is under a certain threshold,
otherwise the longevity of the battery would be compromised. Below this threshold of VFULLRATE, which typically
measures 2.85 V, the charger circuit supplies a pre-qualification charge current. If the wall adapter is charging
the battery, the charger circuit supplies a constant current of 10% of the programmed charge current. If the USB
is charging the battery, the charger circuit supplies a constant 50-mA charge current. When the battery voltage
reaches VFULL_RATE, the charger transitions from pre-qualification to full-rate charging. In pre-qualification mode,
the STAT2, STAT1, and STAT0 bits in the charger supervisory register are respectively low, low, high.
8.3.4.4.2
Full-Rate Charging Mode
The full-rate charge cycle is initiated following the successful completion of the pre-qualification mode. During
full-rate charging, the battery voltage steadily increases while charged with a CC. The three charger status bits
STAT2, STAT1, and STAT0 are respectively low, high, and low. The full-rate charge current is selected using the
charge control register, which defaults to 100 mA.
Charging Li-ion batteries at a rate of 1C is recommended (where C is the capacity of the battery). As an
example, it is recommended to charge a battery with a capacity of 800 mA at 800 mA, or 1C. Charging at a
higher rate may compromise the quality and lifetime of the battery.
8.3.4.4.3
Constant-Voltage (CV) Charging Mode
The battery voltage increases rapidly as a result of full-rate charging and once it reaches the programmable
termination voltage of either 4.1 V, 4.2 V or 4.38 V, the charger moves to constant-voltage charge mode. During
this mode, the charge current gradually decreases while the battery remains at the termination voltage. The
termination voltage can be selected to be either 4.1 V, 4.2 V or 4.38 V by programming bits D6 and D7 in the
Charger Control register to accommodate different battery chemistries. In CV charging mode, the Charge Control
Status bits STAT2, STAT1 and STAT0 are respectively logic 0, logic 1, and logic 1.
8.3.4.4.4
Top-Off Charging Mode
When the charge current reduces to the EOC threshold (programmable to 5% or 10% of programmed full rate
charge current), constant voltage charging continues for an additional 21 minute TOP-OFF time period. In TOP-
OFF charging mode, the Charge Control Status bits STAT2, STAT1 and STAT0 are respectively logic 1, logic 1
and logic 1. At the end of the TOP-OFF period, the charger transitions to Charge Cycle Complete.
8.3.4.4.5
Charge Cycle Complete
During charge cycle complete, the charger is automatically disabled, regardless of the state of the charge enable
bit. In charge cycle complete, the STAT2, STAT1 and STAT0 bits are respectively logic 1, logic 0, and logic 1.
When the battery voltage drops below the VRESTART threshold, charging resumes in full-rate charging mode.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com