Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3910 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 10Page - Texas Instruments LP3910 Datasheet HTML 11Page - Texas Instruments LP3910 Datasheet HTML 12Page - Texas Instruments LP3910 Datasheet HTML 13Page - Texas Instruments LP3910 Datasheet HTML 14Page - Texas Instruments LP3910 Datasheet HTML 15Page - Texas Instruments LP3910 Datasheet HTML 16Page - Texas Instruments LP3910 Datasheet HTML 17Page - Texas Instruments LP3910 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
7.18 Electrical Characteristics: ADC
All limits apply for TJ = 25°C unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = 25°C
1.22
1.225
1.23
V
VREF
Reference voltage
TJ = 0°C to 125°C
1.2
1.225
1.23
V
INL
Core ADC integral non-linearity
VREF = 1.225
(1)
–1
1
LSB
DNL
Core ADC differential non-linearity VREF = 1.225
(1)
–0.5
0.5
LSB
General purpose ADC input
VGP_IN
VREF
2 × VREF
V
voltage range
Battery maximum voltage scalar
VBATT = 3.5 V
2.435
2.45
2.465
V
output
VBATT,
RANGE 0
Battery minimum voltage scalar
VBATT = 2.6 V
1.217
1.225
1.232
V
output
Battery maximum voltage scalar
VBATT = 4.4 V
2.435
2.45
2.465
V
output
VBATT,
RANGE 1
Battery minimum voltage scalar
VREF = 2.6 V
1.217
1.225
1.232
V
output
VISENSE = 0.6463 V
ISENSE maximum voltage scalar
ICHG = 0.605 A,
2.373
2.45
2.519
V
output
RSENSE = 4.64 kΩ
VISENSE ,
RANGE 0
VISENSE = 0 V
ISENSE minimum voltage scalar
ICHG = 0 A,
1.186
1.225
1.260
V
output
RSENSE = 4.64 kΩ
VISENSE = 1.175 V
ISENSE maximum voltage scalar
ICHG = 1.1 A,
2.373
2.45
2.519
V
output
RSENSE = 4.64 kΩ
VISENSE,
RANGE 1
VISENSE = 0 V
ISENSE minimum voltage scalar
ICHG = 0 A,
1.186
1.225
1.26
V
output
RSENSE = 4.64 kΩ
ADC1 and
ADC1 and ADC2 minimum
VREFH = 1.225 V
1.218
1.225
1.23
V
ADC2MIN
voltage scalar output
ADC1 and
ADC1 and ADC2 maximum
VREFH = 1.225 V
2.436
2.45
2.46
V
ADC2MAX
voltage scalar output
tCONV
Conversion time(1)
5
ms
tWARM
Warm-up time
2
ms
(1)
This specification is ensured by design.
7.19 I
2C Timing Requirements
Unless otherwise noted, VDDIO = 3.6 V and minimum and maximum limits apply for TJ = 0°C to 125°C.
(1)
MIN
NOM
MAX
UNIT
FCLK
Clock frequency
400
kHz
tBF
Bus-free time between START and STOP
1.3
µs
tHOLD
Hold time repeated START condition
0.6
µs
tCLK-LP
CLK low period
1.3
µs
tCLK-HP
CLK high period
0.6
µs
tSU
Set-up time repeated START condition
0.6
µs
tDATA-HOLD
Data hold time
0
µs
tDATA-SU
Data set-up time
100
ns
tSU
Set-up time for STOP condition
0.6
µs
Maximum pulse width of spikes that must be suppressed by the input filter
tTRANS
of both data and CLK signals
50
µs
TJ = 25°C
(1)
These specifications are ensured by design.
14
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com