Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3910 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 13Page - Texas Instruments LP3910 Datasheet HTML 14Page - Texas Instruments LP3910 Datasheet HTML 15Page - Texas Instruments LP3910 Datasheet HTML 16Page - Texas Instruments LP3910 Datasheet HTML 17Page - Texas Instruments LP3910 Datasheet HTML 18Page - Texas Instruments LP3910 Datasheet HTML 19Page - Texas Instruments LP3910 Datasheet HTML 20Page - Texas Instruments LP3910 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
JUNCTION TEMPERATURE (°C)
520
500
480
460
440
0
25
50
75
125
420
100
150
JUNCTION TEMPERATURE (°C)
55.0
53.0
51.0
49.0
47.0
45.0
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (°C)
Active Thermal Regulation
600
500
400
300
200
100
80
90
100
110
130
0
120
CHG_DET (V)
125°C
25°C
0°C
540
520
500
480
460
440
4.0
4.5
5.0
5.5
6.0
JUNCTION TEMPERATURE (°C)
540
520
500
480
460
440
0
25
50
75
100
125
150
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
Battery-Charger Characteristics (continued)
VBATT = 3.75 V, CC
CHG_DET = 5 V
VBATT = 3.5 V, CC
Figure 8. ICHG vs Temperature
Figure 7. ICHG vs CHG_DET
VBATT = 3.75 V, Prequal
CHG_DET = 5 V
Figure 10. Thermal Regulation of Charge Current
Figure 9. ICHG vs Temperature
Ch1 = Charge Current (mA)
Ch4 = USBPWR (V)
Ch3 = CHG_DET (V)
Figure 11. USB ILIMIT vs Temperature
Figure 12. Wall Adapter Insertion With USBPWR Present
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com