Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3910 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 32Page - Texas Instruments LP3910 Datasheet HTML 33Page - Texas Instruments LP3910 Datasheet HTML 34Page - Texas Instruments LP3910 Datasheet HTML 35Page - Texas Instruments LP3910 Datasheet HTML 36Page - Texas Instruments LP3910 Datasheet HTML 37Page - Texas Instruments LP3910 Datasheet HTML 38Page - Texas Instruments LP3910 Datasheet HTML 39Page - Texas Instruments LP3910 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
ISENSE
Rsense
VDD
Vbatt
ADC
1:4343
Charge
control Loop
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
The ADC multiplexes 4 different sources:
1. The battery voltage
2. The battery charge current
3. External source ADC1
4. External source ADC2
The voltage ranges for the first two sources are scaled to match the input voltage interval of the ADC: [VREFH,
2VREFH]. This is accomplished by using two internal scalars.
8.3.5.1 Battery Voltage Measurement
The battery voltage scalar transforms the battery voltage ranging from 2.6 V to 3.5 V to the reference voltage
interval: [VREFH, 2*VREFH]. A wider voltage range (2.6 V to 4.4 V) can be selected through I
2C by setting the
voltage range bit D7 in register 0xA to 0’b1.
8.3.5.2 Battery Charge Current Measurement
The battery charge current is indirectly measured by measuring the voltage across the ISENSE resistor, RSENSE.
A fixed portion of the battery charge current is mirrored over the RSENSE as in Equation 3:
VISENSE = K × ICHARGE × RSENSE
(3)
where K is a ratio between the ISENSE current and the charge current.
The battery charge current scalar transforms the voltage across the external ISENSE resistor to the [VREFH, 2 ×
VREFH] input voltage interval of the ADC.
Figure 58. Battery Charge Scalar
8.3.5.3 External General-Purpose Sources
Two additional ADC sources are available on the ADC1 and ADC2 pins of the LP3910. These two external ADC
sources are not internally scaled and have an input voltage range of [VREFH, 2 × VREFH]. The system designer can
use these two sources for general-purpose applications such as resistive keyboard matrix scanning, temperature
measurements, battery load current, battery ID resistor measurement, and others.
36
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com