Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3910 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 70 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 64Page - Texas Instruments LP3910 Datasheet HTML 65Page - Texas Instruments LP3910 Datasheet HTML 66Page - Texas Instruments LP3910 Datasheet HTML 67Page - Texas Instruments LP3910 Datasheet HTML 68Page - Texas Instruments LP3910 Datasheet HTML 69Page - Texas Instruments LP3910 Datasheet HTML 70Page - Texas Instruments LP3910 Datasheet HTML 71Page - Texas Instruments LP3910 Datasheet HTML 72Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
11.3 Thermal Performance of the WQFN Package
The LP3910 is a monolithic device with integrated power FETs. For that reason, it is important to pay special
attention to the thermal impedance of the WQFN package and to the PCB layout rules in order to maximize
power dissipation of the WQFN package.
The WQFN package is designed for enhanced thermal performance and features an exposed die attach pad at
the bottom center of the package that creates a direct path to the PCB for maximum power dissipation.
Compared to the traditional leaded packages where the die attach pad is embedded inside the molding
compound, the WQFN reduces one layer in the thermal path.
The thermal advantage of the WQFN package is fully realized only when the exposed die-attach pad is soldered
down to a thermal land on the PCB board with thermal vias planted underneath the thermal land. Based on
thermal analysis of the WQFN package, the junction-to-ambient thermal resistance (RθJA) can be improved by a
factor of two when the die attach pad of the WQFN package is soldered directly onto the PCB with thermal land
and thermal vias, as opposed to an alternative with no direct soldering to a thermal land. Typical pitch and outer
diameter for thermal vias are 1.27 mm and 0.33 mm, respectively. Typical copper via barrel plating is 1 oz.,
although thicker copper may be used to further improve thermal performance. The LP3910 die attach pad is
connected to the substrate of the device and therefore, the thermal land and vias on the PCB board need to be
connected to ground (GND pin).
For more information on board layout techniques, refer to AN-1187 Leadless Leadframe Package (LLP)
(SNOA401). This application note also discusses package handling, solder stencil, and the assembly process.
70
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com