Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3910 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 46 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 42Page - Texas Instruments LP3910 Datasheet HTML 43Page - Texas Instruments LP3910 Datasheet HTML 44Page - Texas Instruments LP3910 Datasheet HTML 45Page - Texas Instruments LP3910 Datasheet HTML 46Page - Texas Instruments LP3910 Datasheet HTML 47Page - Texas Instruments LP3910 Datasheet HTML 48Page - Texas Instruments LP3910 Datasheet HTML 49Page - Texas Instruments LP3910 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
Clock
Divider
Oscillator
Comparator
Comparator
Comparator
Comparator
Comparator
6 Bit Up /
Down
Counter
1 kHz
LDO1, LDO2
Buck1
Buck2
Buck - Boost
NRST
t1
t2
t3
t4
t5
up
down
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
8.4.2 Mode Sequencing
8.4.2.1 Power-On, Power-Off Sequencing
Each DC-DC converter (Buck1, Buck2, Buck-Boost, LDO1, LDO2) and the NRST pin of the LP3910 has its own
delay after which it is enabled following a power-on event or disabled following a power-off event. Following the
deglitching of the power-on event, the system bandgaps are enabled. Following this is a 5 ms delay that internal
circuitry requires to cleanly power up. The programmable delays are measured from this time point. Following the
deglitching of a power-down event (up to 5 ms if POWERACK pin is used), the power-down sequencer starts.
Each delay ranges from 0 ms to 63 ms in steps of 1 ms and is factory programmed to the desired values
submitted by the system designer. As shown in Figure 66, the power-on or power-off sequencing is designed
around a 6-bit up or down timer that is clocked at 1 kHz. A power-on or power-off event triggers the timer, which
counts up from 0 during a power-on sequence and counts down from 5'b11111 during a power-down cycle. The
timer output is connected to 5 comparators with factory-programmed timeout values that correspond to the on
and off delays for each DC-DC converter and the NRST pin. Once the timer has incremented beyond the
comparator timeout value during a power-on cycle, the output of the comparator enables the corresponding DC-
DC converter or raises the NRST pin to a logic high level. Subsequently, once the timer has decremented below
the comparator timeout value during a power-down cycle, the output of the comparator disables the
corresponding DC-DC converter or activates the NRST pin to a logic low level.
Figure 66. Power Sequencer Block Diagram
8.4.2.2 Power-On Timing
Each timeout T1 thru to T5 are factory programmed from 0 ms to 63 ms. The power-on defaults are shown in
Table 9.
Table 9. Power-On Timing Defaults
TIME (STANDARD
SYMBOL
DESCRIPTION
TIME (AP OPTION)
UNIT
OPTIONS)
T1
Delay for LDO1 and LDO2
5
6
ms
T2
Delay to Buck1
15
3
ms
T3
Delay for Buck2
20
1
ms
T4
Delay for Buck-Boost
25
0
ms
T5
Delay for NRST
60
10
ms
46
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com