Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3910 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 33Page - Texas Instruments LP3910 Datasheet HTML 34Page - Texas Instruments LP3910 Datasheet HTML 35Page - Texas Instruments LP3910 Datasheet HTML 36Page - Texas Instruments LP3910 Datasheet HTML 37Page - Texas Instruments LP3910 Datasheet HTML 38Page - Texas Instruments LP3910 Datasheet HTML 39Page - Texas Instruments LP3910 Datasheet HTML 40Page - Texas Instruments LP3910 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
To ADC
core
Icharge
Scaler
Vbatt
Scaler
MUX_CONTROL
VBATT
2
ISET
ADC1
ADC2
ADC
MUX
Current range 0 / 1
Voltage range 0 / 1
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
Figure 59. ADC Analog Front-End Block Diagram
The source selection and the access to the conversion results are established through the I2C linked control
registers: ADCC and ADCD.
The ADC is by default disabled to minimize current consumption and must be enabled by setting D2 in the ADCC
register. Writing a logic 1 to bit D3 in the ADC initiates a conversion. It is advised to select the correct ADC
source before a conversion is started. The ADC sets bit D4 in the ADCC register upon the completion of a
conversion, which is typically 4 ms after the start of the conversion. At the same time an interrupt request is
generated. (See IRQ Register (0d)H Interrupt Request Register).
To save power, disable the ADC by setting bit 2 of D2 to 0. To make repetitive starts, set bit D3 to 0 then to 1 for
register 0Ah to initiate start of conversion. The interrupt driven protocol between LP3910 and the system
processor is the most efficient way to acquire data from successive measurements as shown in Figure 60:
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com