Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3910 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 53 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 49Page - Texas Instruments LP3910 Datasheet HTML 50Page - Texas Instruments LP3910 Datasheet HTML 51Page - Texas Instruments LP3910 Datasheet HTML 52Page - Texas Instruments LP3910 Datasheet HTML 53Page - Texas Instruments LP3910 Datasheet HTML 54Page - Texas Instruments LP3910 Datasheet HTML 55Page - Texas Instruments LP3910 Datasheet HTML 56Page - Texas Instruments LP3910 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
8.6 Register Maps
8.6.1 LDO1 Control Register
LDO1 can be configured through its own I2C control register. The output voltage is programmable in steps of 100
mV from 1.2 V to 3.3 V. LDO1 gets enabled during the power-on sequence. Disable/enable control is provided
through bit D5 in the LDO1 control register after selecting the appropriate D4–0 settings, which determine the
output voltage.
The output voltage can be altered while LDO1 is enabled. When LDO1 is disabled, it shunts the output to AGND
with a RSHUNT = 200 Ω (maximum).
8.6.2 BATTLOW Register (04)H Battery Low Alarm Register
D7–5
D4–0
Access
Read Only 0
R/W
Data
Reserved
Battery low threshold voltage (V)
Battery low IRQ threshold voltage (V)
5’h14–1F
2.50
2.70
5’h13
2.55
2.75
5’h12
2.60
2.80
5’h11
2.65
2.85
5’h10
2.70
2.90
5’h0F
2.75
2.95
5’h0E
2.80
3.00
5’h0D
2.85
3.05
5'h0C
2.90
3.10
5’h0B
2.95
3.15
5’h0A
3.00
3.20
5’h09
3.05
3.25
5’h08
3.10
3.30
5’h07
3.15
3.35
5’h06
3.20
3.40
5’h05
3.25
3.45
5’h04
3.30
3.50
5’h03
3.35
3.55
5’h02
3.40
3.60
5’h01
3.45
3.65
5’h00
3.50
3.70
Reset
5’h0C
2.90
3.10
Standard
5’h1F
2.70
2.70
n/a
Default
“AP” Default
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com