Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3910 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 64 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 60Page - Texas Instruments LP3910 Datasheet HTML 61Page - Texas Instruments LP3910 Datasheet HTML 62Page - Texas Instruments LP3910 Datasheet HTML 63Page - Texas Instruments LP3910 Datasheet HTML 64Page - Texas Instruments LP3910 Datasheet HTML 65Page - Texas Instruments LP3910 Datasheet HTML 66Page - Texas Instruments LP3910 Datasheet HTML 67Page - Texas Instruments LP3910 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
0
1.0
2.0
3.0
4.0
5.0
DC BIAS (V)
100%
80%
60%
40%
20%
0402, 6.3V, X5R
0603, 10V, X5M
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
In particular, the output capacitor selection must take account of all the capacitor parameters, to ensure that the
specification is met within the application. The capacitance can vary with DC bias conditions as well as
temperature and frequency of operation. Capacitor values also show some decrease over time due to aging. The
capacitor parameters are also dependent on the particular case size, with smaller sizes giving poorer
performance figures in general. As an example, Figure 76 shows a typical graph comparing different capacitor
case sizes.
Figure 76. Typical Variation in Capacitance vs DC Bias
As shown in Figure 76, increasing the DC Bias condition can result in the capacitance value that falls below the
minimum value given in the recommended capacitor specifications table. Note that Figure 76 shows the
capacitance out of spec for the 0402 case size capacitor at higher bias voltages. It is therefore recommended
that the capacitor manufacturers’ specifications for the nominal value capacitor are consulted for all conditions,
as some capacitor sizes (for example, 0402) may not be suitable in the actual application.
Capacitance of a ceramic capacitor can vary with temperature. The capacitor type X7R, which operates over a
temperature range of
−55°C to +125°C, only varies the capacitance to within ±15%. The capacitor type X5R has
a similar tolerance over a reduced temperature range of
−55°C to +85°C. Many large value ceramic capacitors,
larger than 1
μF are manufactured with Z5U or Y5V temperature characteristics. Their capacitance can drop by
more than 50% as the temperature varies from 25°C to 85°C. Therefore X7R is recommended over Z5U and
Y5V in applications where the ambient temperature changes significantly above or below 25°C.
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 0.47-
μF to 4.7-μF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly) than a ceramic
capacitor with the same ESR value. The ESR of a typical tantalum increases about 2:1 as the temperature goes
from +25°C down to
−40°C, so some guard band must be allowed.
9.2.2.2.1.4
Noise Bypass Capacitors for VREFH Pin
Connecting respectively 100 nF and 1 nF grounded bypass capacitors to the VREFH pin significantly reduces
noise on the LDO outputs. VREFH is a high-impedance node connected to a bandgap reference used for the
LDOs. Any significant loading on this node causes a change on the regulated output voltages. For this reason,
DC leakage current through these pins must be kept as low as possible for best output voltage accuracy. The
types of capacitors best suited for the noise bypass capacitors are ceramic and film capacitors. High-quality
ceramic capacitors with either NPI or COG dielectric typically have very low leakage. Polypropylene and
polycarbonate film capacitors are available in small surface-mount packages and typically have extremely low
leakage current. Residual solder flux is another potential source of leakage, which mandates thorough cleaning
of the assembled PCBs.
64
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com