Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3910 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 4 Page - Texas Instruments

  LP3910 Datasheet HTML 1Page - Texas Instruments LP3910 Datasheet HTML 2Page - Texas Instruments LP3910 Datasheet HTML 3Page - Texas Instruments LP3910 Datasheet HTML 4Page - Texas Instruments LP3910 Datasheet HTML 5Page - Texas Instruments LP3910 Datasheet HTML 6Page - Texas Instruments LP3910 Datasheet HTML 7Page - Texas Instruments LP3910 Datasheet HTML 8Page - Texas Instruments LP3910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
The following options are programmed for the LP3910. The system designer that needs specific options is
advised to contact the local Texas Instruments sales office.
Table 3. Factory Programmable Options
FACTORY PROGRAMMABLE OPTIONS
DEFAULT VALUE (AA)
LDO1 output voltage after power up
2 V
LDO2 output voltage after power up
3.3 V
BUCK1 output voltage after power up
1.2 V
BUCK2 output voltage after power up
3.3 V
BUCK-BOOST power voltage after power up
3.3 V
Battery low threshold
2.9 V
Delay for LDO1 and LDO2
5 ms
Delay for BUCK1
15 ms
Delay for BUCK2
20 ms
Delay for BUCK-BOOST
25 ms
Delay for NRST
60 ms
Default full-rate charge current
100 mA
EOC default
0.1C
VTERM default
4.2 V
ONOFF edge/level
Level
ONOFF polarity
Positive
BUCK1 enable polarity
Positive
LDO2 enable polarity
Positive
Ignore ten-hour timer
No
LED default current
10 mA
Buck-boost 500-mA output current
No
Thermistor 10 k/100 k
100 k
The I2C Chip ID address is offered as a metal mask option. The current value equals 60 hex.
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com