Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3910 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 4Page - Texas Instruments LP3910 Datasheet HTML 5Page - Texas Instruments LP3910 Datasheet HTML 6Page - Texas Instruments LP3910 Datasheet HTML 7Page - Texas Instruments LP3910 Datasheet HTML 8Page - Texas Instruments LP3910 Datasheet HTML 9Page - Texas Instruments LP3910 Datasheet HTML 10Page - Texas Instruments LP3910 Datasheet HTML 11Page - Texas Instruments LP3910 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
7.5 Electrical Characteristics
Unless otherwise noted, VDD = 5 V, VBATT = 3.6 V, and limits apply for TJ = 25°C.
(1) (2) (3) (4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
All circuits off except for POR and battery
Battery standby supply
IQ_BATT
monitor. No adapter or USB power
6
20
µA
current
connected.
All circuits off except for POR and battery
Battery standby supply
monitor. No adapter or USB power
IQ_BATT
20
µA
current
connected.
TJ = 0°C to 125°C
VPOR
Power-on reset threshold
VDD falling edge
1.9
V
Thermal shutdown
TSD
160
°C
threshold
Thermal shutdown
TSDH
20
°C
hysteresis
TTH-ALERT
Thermal interrupt threshold
115
°C
VDDIO
IO supply
2.5
VDD
V
Internal system clock
FCLK
2
MHz
frequency
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum and maximum limits are specified by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the
most likely norm.
(3)
Low ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(4)
This specification is ensured by design. Not tested during production.
7.6 Electrical Characteristics: I
2C Interface
Unless otherwise noted, VDDIO = 3.6 V, and minimum and maximum limits apply for TJ = 0°C to 125°C.
(1) (2) (3) (4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Low level input voltage
I2C_SDA & I2C_SCL
0.3 × VDDIO
V
VIH
High level input voltage
I2C_SDA & I2C_SCL
0.7 × VDDIO
V
VOL
Low level output voltage
I2C_SDA & I2C_SCL
0
0.2 × VDDIO
V
VHYS
Schmitt trigger input hysterisis
I2C_SDA & I2C_SCL
0.1 × VDDIO
V
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum and maximum limits are specified by design, test, or statistical analysis.
(3)
Low ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(4)
This specification is ensured by design.
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com