Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F448IPZ Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F448IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F448IPZ Datasheet(HTML) 33 Page - Texas Instruments

Back Button MSP430F448IPZ Datasheet HTML 29Page - Texas Instruments MSP430F448IPZ Datasheet HTML 30Page - Texas Instruments MSP430F448IPZ Datasheet HTML 31Page - Texas Instruments MSP430F448IPZ Datasheet HTML 32Page - Texas Instruments MSP430F448IPZ Datasheet HTML 33Page - Texas Instruments MSP430F448IPZ Datasheet HTML 34Page - Texas Instruments MSP430F448IPZ Datasheet HTML 35Page - Texas Instruments MSP430F448IPZ Datasheet HTML 36Page - Texas Instruments MSP430F448IPZ Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
watchdog timer
The primary function of the watchdog timer (WDT) module is to perform a controlled system restart after a
software upset has occurred. A system reset is generated if the selected time interval expires. If an application
does not require this watchdog function, the module can work as an interval timer, which generates an interrupt
after a selected time interval.
The watchdog timer counter (WDTCNT) is a 15/16-bit up-counter not directly accessible by software. The
WDTCNT is controlled using the watchdog timer control register (WDTCTL), which is an 8-bit read/write register.
Writing to WDTCTL in either operating mode (watchdog or timer) is only possible when using the correct
password (05Ah) in the high byte. If any value other than 05Ah is written to the high-byte of the WDTCTL, a
system reset PUC is generated. The password is read as 069h to minimize accidental write operations to the
WDTCTL register. The low byte stores data written to the WDTCTL. In addition to the watchdog timer control
bits, there are two bits included in the WDTCTL that configure the NMI pin.
USART0 and USART1
There are two USART peripherals implemented in the MSP430x44x: USART0 and USART1; but only one in
the MSP430x43x configuration: USART0. Both have an identical function as described in the applicable
chapters of the MSP430x4xx User’s Guide. They use different pins to communicate, and different registers for
module control. Registers with identical functions have different addresses.
The universal synchronous/asynchronous interface is a dedicated peripheral module used in serial
communications. The USART supports synchronous SPI (3- or 4-pin), and asynchronous UART
communication protocols, using double-buffered transmit and receive channels. Data streams of 7 or 8 bits in
length can be transferred at a rate determined by the program, or by an external clock. Low-power applications
are optimized by UART mode options which allow for the reception of only the first byte of a complete frame.
The application software should then decide if the succeeding data is to be processed. This option reduces
power consumption.
Two dedicated interrupt vectors are assigned to each USART module—one for the receive and one for the
transmit channels.
timer_A (three capture/compare registers)
The timer module offers one 16-bit counter and three capture/compare registers. The timer clock source can
be selected from the external source TACLK (noninverted via SSEL=0 or inverted via SSEL=3), or from two
internal sources—ACLK (SSEL=1) or SMCLK (SSEL=2)). The clock source can be divided by one, two, four,
or eight. The timer can be fully controlled (in word mode)—it can be halted, read, and written. It can be stopped,
run continuously, or made to count up or up/down using one compare block to determine the period. The three
capture/compare blocks are configured by the application to run in capture or compare mode.
The capture mode is mostly used to individually measure internal or external events from any combination of
positive, negative, or positive and negative edges. It can also be stopped by software. Three different external
events (TA0, TA1, and TA2) can be selected. In the capture/compare register CCR2, ACLK is the capture signal
if CCI2B is selected. Software capture is chosen if CCISx=2 or CCISx=3.
The compare mode is mostly used to generate timing for the software or application hardware, or to generate
pulse-width modulated output signals for various purposes such as D/A conversion functions or motor control.
An individual output module is assigned to each of the three capture/compare registers. This module can run
independently of the compare function or can be triggered in several ways.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com