Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F448IPZ Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F448IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F448IPZ Datasheet(HTML) 29 Page - Texas Instruments

Back Button MSP430F448IPZ Datasheet HTML 25Page - Texas Instruments MSP430F448IPZ Datasheet HTML 26Page - Texas Instruments MSP430F448IPZ Datasheet HTML 27Page - Texas Instruments MSP430F448IPZ Datasheet HTML 28Page - Texas Instruments MSP430F448IPZ Datasheet HTML 29Page - Texas Instruments MSP430F448IPZ Datasheet HTML 30Page - Texas Instruments MSP430F448IPZ Datasheet HTML 31Page - Texas Instruments MSP430F448IPZ Datasheet HTML 32Page - Texas Instruments MSP430F448IPZ Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
brownout, supply voltage supervisor (continued)
The levels for monitoring and supervision are defined by the control bits VLD:
VLD
VCC(min)
[V]
COMMENT
0
0
0
0
NA
SVS/SVM function is off
0
0
0
1
1.9
SVS/SVM on. Hysteresis is typ 110 mV.
0
0
1
0
2.1
SVS/SVM on. Hysteresis is 8 mV to 30 mV.
0
0
1
1
2.2
SVS/SVM on. Hysteresis is 8 mV to 30 mV.
0
1
0
0
2.3
SVS/SVM on. Hysteresis is 8 mV to 30 mV.
0
1
0
1
2.4
SVS/SVM on. Hysteresis is 8 mV to 30 mV.
0
1
1
0
2.5
SVS/SVM on. Hysteresis is 8 mV to 30 mV.
0
1
1
1
2.65
SVS/SVM on. Hysteresis is 8 mV to 30 mV.
1
0
0
0
2.8
SVS/SVM on. Hysteresis is 8 mV to 30 mV.
1
0
0
1
2.9
SVS/SVM on. Hysteresis is 8 mV to 30 mV.
1
0
1
0
3.05
SVS/SVM on. Hysteresis is 8 mV to 30 mV.
1
0
1
1
3.2
SVS/SVM on. Hysteresis is 8 mV to 30 mV.
1
1
0
0
3.35
SVS/SVM on. Hysteresis is 8 mV to 30 mV.
1
1
0
1
3.5
SVS/SVM on. Hysteresis is 8 mV to 30 mV.
1
1
1
0
3.7{
SVS/SVM on. Hysteresis is 8 mV to 30 mV.
1
1
1
1
(1.2)
External analog input is used (input comes from the P6.7/A7/SVSin pin) and internally
compared with 1.2 V.
† The recommended operation voltage range is limited to 3.6 V.
multiplication
The multiplication operation is supported by a dedicated peripheral module. The module performs 16x16, 16x8,
8x16, and 8x8 bit operations. The module is capable of supporting signed and unsigned multiplication as well
as signed and unsigned multiply and accumulate operations. The result of an operation can be accessed
immediately after the operands have been loaded into the peripheral registers. No additional clock cycles are
required.
digital I/O
There are six 8-bit I/O ports implemented—ports P1 through P6. Ports P1 and P2 use seven control registers,
while ports P3, P4, P5, and P6 use only four of the control registers to provide maximum digital input/output
flexibility to the application:
D All individual I/O bits are independently programmable.
D Any combination of input, output, and interrupt conditions is possible.
D Interrupt processing of external events is fully implemented for all eight bits of ports P1 and P2.
D Read/write access to all registers using all instructions is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com