Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F448IPZ Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F448IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F448IPZ Datasheet(HTML) 25 Page - Texas Instruments

Back Button MSP430F448IPZ Datasheet HTML 21Page - Texas Instruments MSP430F448IPZ Datasheet HTML 22Page - Texas Instruments MSP430F448IPZ Datasheet HTML 23Page - Texas Instruments MSP430F448IPZ Datasheet HTML 24Page - Texas Instruments MSP430F448IPZ Datasheet HTML 25Page - Texas Instruments MSP430F448IPZ Datasheet HTML 26Page - Texas Instruments MSP430F448IPZ Datasheet HTML 27Page - Texas Instruments MSP430F448IPZ Datasheet HTML 28Page - Texas Instruments MSP430F448IPZ Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
oscillator and system clock (continued)
The ACLK is defined by connecting a low-power, low-frequency, or high-frequency crystal to the oscillator, or
by applying an external clock source (XTS_FLL must be set). The crystal oscillator may be switched off when
the ACLK oscillator is not needed for the present operation mode.
The software selects the DCOCLK frequency. The DCOCLK is active if SCG1 is reset and stopped if SCG1 is
set. The dc generator can be stopped when SCG0 and SCG1 are set. The dc generator, which defines the basic
DCO frequency, can be adjusted in five steps using control bits FN_2, FN_3, FN_4, and FN_8.
When the target frequency needs modification of the FN_x bits, increasing D or setting DCO+, the following
sequence ensures that the maximum system frequency [f(system)] is not exceeded:
1.
Save FLL lock bit (SCG0 in status register) and set it; loop control goes off.
2.
Load modulation control register SCFQCTL with new data (modulation bit M, multiply factor N).
3.
Set DCO control bits and MSB’s of modulator: SCFI1 = 0Fh to lowest possible frequency.
4.
Select DCO+ control bit to be set or reset.
5.
Load control register SCFI0 with new data.
6.
Restore or set/reset the FLL control bit.
NOTE:
The system clock generator starts with the DCOCLK for MCLK (CPU clock) and program execution
starts quickly. The software defines the ACLK clock generation through control bit manipulation.
The MCLK is selected from DCOCLK (SELM {0,1}), XT2CLK (SELM=2), or ACLK (SELM=3). The initial source
for MCLK is DCOCLK. The SMCLK selects between two clock sources, the DCOCLK (SELS=0, initial state)
and XT2CLK (SELS=1). The XT2CLK is defined by connecting a high-frequency crystal to the oscillator (XT2IN,
XT2OUT), or by applying an external clock source to XT2IN. The crystal oscillator may be switched off when
the XT2 oscillator is not needed for the present operation mode.
The start conditions for MCLK and SMCLK frequency are identical to the FLL in MSP430x3xx devices, but the
correct capacitors at pin XIN and XOUT have to be selected with OscCap bits in register FLL+CTL0 at address
053h.
The ACLK, supplied for external use via port P1.5, may be divided by 1, 2, 4, or 8. This ensures clock signal
compatibility to the MSP430x3xx and MSP430x4xx families.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com