Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F448IPZ Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F448IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F448IPZ Datasheet(HTML) 57 Page - Texas Instruments

Back Button MSP430F448IPZ Datasheet HTML 53Page - Texas Instruments MSP430F448IPZ Datasheet HTML 54Page - Texas Instruments MSP430F448IPZ Datasheet HTML 55Page - Texas Instruments MSP430F448IPZ Datasheet HTML 56Page - Texas Instruments MSP430F448IPZ Datasheet HTML 57Page - Texas Instruments MSP430F448IPZ Datasheet HTML 58Page - Texas Instruments MSP430F448IPZ Datasheet HTML 59Page - Texas Instruments MSP430F448IPZ Datasheet HTML 60Page - Texas Instruments MSP430F448IPZ Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
57
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted)
POR/brownout reset (BOR) (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(BOR)
dVCC/dt ≥ 30 V/ms (see Note 2)
5
150
µs
td(BOR)
dVCC/dt ≤ 30 V/ms (see Note 2)
2000
µs
VCC(start)
dVCC/dt ≤ 3 V/s (see Figure 17)
0.7
× V(B_IT–)
V
V(B_IT–)
Brownout
dVCC/dt ≤ 3 V/s (see Figure 17 through Figure 19)
0.9
1.35
1.71
V
Vhys(B_IT–)
dVCC/dt ≤ 3 V/s (see Figure 17)
70
130
180
mV
t(reset)
Pulse length needed at RST/NMI pin to accepted reset internally,
VCC = 2.2 V/3 V
2
µs
NOTES:
1. The current consumption of the brownout module is already included in the ICC current consumption data. The voltage level V(B_IT–)
+ Vhys(B_IT–) is ≤ 1.8 V.
2. This parameter is not production tested, assured by design.
typical characteristics
0
1
t d(BOR)
VCC
V(B_IT–)
Vhys(B_IT–)
VCC(start)
Figure 17. POR/Brownout Reset (BOR) vs Supply Voltage
VCC(min)
VCC
3 V
t pw
0
0.5
1
1.5
2
0.001
1
1000
Vcc = 3 V
typical conditions
1 ns
1 ns
tpw – Pulse Width – µs
tpw – Pulse Width – µs
Figure 18. V(CC)min Level With a Square Voltage Drop to Generate a POR/Brownout Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com