Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F448IPZ Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F448IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F448IPZ Datasheet(HTML) 41 Page - Texas Instruments

Back Button MSP430F448IPZ Datasheet HTML 37Page - Texas Instruments MSP430F448IPZ Datasheet HTML 38Page - Texas Instruments MSP430F448IPZ Datasheet HTML 39Page - Texas Instruments MSP430F448IPZ Datasheet HTML 40Page - Texas Instruments MSP430F448IPZ Datasheet HTML 41Page - Texas Instruments MSP430F448IPZ Datasheet HTML 42Page - Texas Instruments MSP430F448IPZ Datasheet HTML 43Page - Texas Instruments MSP430F448IPZ Datasheet HTML 44Page - Texas Instruments MSP430F448IPZ Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
41
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
A/D converter (continued)
Table 7. Reference Voltage Configurations
SREF
VOLTAGE AT VR+
VOLTAGE AT VR–
0
AVCC
AVSS
1
VREF+ (internal)
AVSS
2, 3
VeREF+ (external)
AVSS
4
AVCC
VREF–/VeREF– (internal or external)
5
VREF+ (internal)
VREF–/VeREF– (internal or external)
6, 7
VeREF+ (external)
VREF–/VeREF– (internal or external)
control registers ADC12CTL0 and ADC12CTL1
All control bits are reset during POR. POR is active after VCC or a reset condition is applied to pin RST/NMI.
A more detailed description of the control bit functions is found in the ADC12 module description (in the user’s
guide). Most of the control bits in registers ADC12CTL0, ADC12CTL1, and ADC12MCTLx can only be modified
if ENC is low.
The following illustration highlights these bits. Six bits are excluded and can be unrestrictedly modified:
ADC12SC, ENC, ADC12TOVIE, ADC12OVIE, and CONSEQ.
The control bits of control registers ADC12CTL0 and ADC12CTL1 are:
01A0h
ADC12CTL0
70
15
8
ENC
2_5 V
ADC12
REF
ADC12
TOVIE
ADC12
OVIE
MSC
ADC12
SC
rw–(0)
SHT1
SHT0
ON
ON
rw–(0)
rw–(0)
rw–(0) rw–(0) rw–(0) rw–(0) rw–(0) rw–(0) rw–(0)
ADC12SC
01A0h, bit0
Sample and convert. The ADC12SC bit is used to control the conversion by software. It
is recommended that ISSH=0.
SHP=1: Changing the ADC12SC bit from 0 to 1 starts the sample and conversion
operation. Bit ADC12SC is automatically reset when the conversion is complete
(BUSY=0).
SHP=0: A high level of bit ADC12SC determines the sample time. Conversion starts once
it is reset (by software). The conversion takes 13 ADC12CLK cycles.
ENC
01A0h, bit1
Enable conversion. A conversion can be started by software (via ADC12SC) or by external
signals, only if the enable conversion bit ENC is high. Most of the control bits in
ADC12CTL0 and ADC12CTL1, and all the bits in ADCMCTL.x can only be changed if ENC
is low.
0: No conversion can be started. This is the initial state.
1: The first sample and conversion starts with the first rising edge of the sampling signal.
The operation selected proceeds as long as ENC is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com