| Electronic Components Datasheet Search |
|
MSP430F448IPZ Datasheet(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F448IPZ Datasheet(HTML) 36 Page - Texas Instruments |
|
36 / 85 page ![]() MSP430x43x, MSP430x44x MIXED SIGNAL MICROCONTROLLER SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002 36 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 compare latches (TBCLx) The compare latches can be loaded directly by software or via selected conditions triggered by the PWM function and they are reset by the POR signal. Load TBCLx immediate, CLLD=0: Capture/compare register CCRx and the corresponding compare latch are loaded simultaneously. Load TBCLx at Zero, CLLD=1: The data in capture/compare register CCRx is loaded to the corresponding compare latch when the 16-bit timer TBR counts to zero. Load TBCLx at Zero + Period, CLLD=2: The data in capture/compare register CCRx is loaded to the corresponding compare latch when the 16-bit timer TBR counts to zero or when the next period starts (in UP/DOWN mode). Load TBCLx at EQUx, CLLD=3: The data in capture/compare register CCRx is loaded when CCRx is equal to TBR. Loading the compare latches can be done individually or in groups. Individually means that whenever the selected load condition (see above) is true, the CCRx data is loaded into TBCLx. Load TBCLx individually, TBCLGRP=0: Compare latch TBCLx is loaded when the selected load condition (CLLD) is true. Dual load TBCLx mode, TBCLGRP=1: Two compare latches TBCLx are loaded when data are written to both CCRx registers of the same group and the load condition (CLLD) is true. Three groups are defined: CCR1+CCR2, CCR3+CCR4, and CCR5+CCR6. Triple load TBCLx mode, TBCLGRP=2: Three compare latches TBCLx are loaded when data are written to all CCRx registers of the same group and then the selected load condition (CLLD) is true. Two groups are defined: CCR1+CCR2+CCR3 and CR4+CCR5+CCR6. Full load TBCLx mode, TBCLGRP=3: All seven compare latches TBCLx are loaded when data are written to all seven CCRx registers and then the selected load condition (CLLD) is true. All CCRx data, CCR0+CCR1+ CCR2+CCR3+CCR4+CCR5+CCR6, are simultaneously loaded to the corresponding SHRx compare latches. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |