Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F448IPZ Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F448IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F448IPZ Datasheet(HTML) 64 Page - Texas Instruments

Back Button MSP430F448IPZ Datasheet HTML 60Page - Texas Instruments MSP430F448IPZ Datasheet HTML 61Page - Texas Instruments MSP430F448IPZ Datasheet HTML 62Page - Texas Instruments MSP430F448IPZ Datasheet HTML 63Page - Texas Instruments MSP430F448IPZ Datasheet HTML 64Page - Texas Instruments MSP430F448IPZ Datasheet HTML 65Page - Texas Instruments MSP430F448IPZ Datasheet HTML 66Page - Texas Instruments MSP430F448IPZ Datasheet HTML 67Page - Texas Instruments MSP430F448IPZ Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
64
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
12-bit ADC, power supply and input range conditions (see Note 1) (continued)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
(VeREF+ –
VREF–/VeREF–)
Differential external
reference voltage
input
VeREF+ > VeREF–/VeREF– (see Note 4)
1.4
V(AVCC)
V
VI(P6.x/Ax)
Analog input voltage
range (see Note 5)
All P6.0/A0 to P6.7/A7/SVSin terminals. Analog
inputs selected in ADC12MCTLx register and
P6Sel.x=1
0
≤ x ≤ 7; V(AVSS) ≤ VI(P6.x/Ax) ≤ V(AVCC)
0
V(AVCC)
V
IDD(ADC12)
Operating supply
current into AVCC
f(ADC12CLK) = 5 MHz
ADC12ON = 1, REFON = 0
VCC = 2.2 V
0.65
1.3
mA
IDD(ADC12)
current into AVCC
terminal (see
Note 6)
ADC12ON = 1, REFON = 0
SHT0=0, SHT1=0,
ADC12DIV=0
VCC = 3 V
0.8
1.6
mA
IDD(REF+)
Operating supply
current into AVCC
terminal (see
Note 7)
f(ADC12CLK) = 5 MHz
ADC12ON = 0,
REFON = 1, 2_5V = 1
VCC = 3 V
0.5
0.8
mA
IDD(REF+)
Operating supply
f(ADC12CLK) = 5 MHz
ADC12ON
0
VCC = 2.2 V
0.5
0.8
mA
O erating su
ly
current (see Note 7)
()
ADC12ON = 0,
REFON = 1, 2_5V = 0
VCC = 3 V
0.5
0.8
NOTES:
5. The analog input voltage range must be within the selected reference voltage range VR+ to VR– for valid conversion results.
6. The internal reference supply current is not included in current consumption parameter IDD(ADC12).
7. The internal reference current is supplied via terminal AVCC. Consumption is independent of the ADC12ON control bit, unless a
conversion is active. The REFON bit enables to settle the built-in reference before starting an A/D conversion.
12-bit ADC, built-in reference (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
IDD(VeREF+)
Static input current
(see Note 2)
0 V
≤ VeREF+ ≤ V(AVCC)
VCC = 2.2 V/3 V
±1
µA
IDD(VREF–/VeREF–)
Static input current
(see Note 2)
0 V
≤ VeREF– ≤ V(AVCC)
VCC = 2.2 V/3 V
±1
µA
C(VREF+)
Capacitance at pin
VREF+ (see Note 3)
REFON = 1,
0 mA
≤ I(VREF+) ≤ I(VREF_max)
VCC = 2.2 V/3 V
5
10
µF
Ci‡
Input capacitance
(see Note 4)
Only one terminal can be selected
at one time, P6.x/Ax
VCC = 2.2 V
40
pF
Zi‡
Input MUX ON
resistance (see Note 4)
0 V
≤ V(Ax) ≤ V(AVCC)
VCC = 3 V
2000
Ω
T(REF+)†
Temperature coefficient
of built-in reference
I(VREF+) is a constant in the range
of 0 mA
≤ I(VREF+) ≤ 1 mA
VCC = 2.2 V/3 V
±100 ppm/°C
† Not production tested, limits characterized
‡ Not production tested, limits verified by design
NOTES:
1. The voltage source on VeREF+ and VREF–/VeREF– needs to have low-dynamic impedance for 12-bit accuracy to allow the charge
to settle for this accuracy (See Figures 16 and 17).
2. The external reference is used during conversion to charge and discharge the capacitance array. The dynamic impedance should
follow the recommendations on analog-source impedance to allow the charge to settle for 12-bit accuracy.
3. The internal buffer operational amplifier and the accuracy specifications require an external capacitor.
4. The input capacitance is also the dynamic load for an external reference during conversion. The dynamic impedance of the reference
supply should follow the recommendations on analog-source impedance to allow the charge to settle for 12-bit accuracy. All INL
and DNL tests uses two capacitors between pins VREF+ and AVSS and VREF–/VeREF– and AVSS: 10-µF tantalum and
100-nF ceramic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com