Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F448IPZ Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F448IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F448IPZ Datasheet(HTML) 12 Page - Texas Instruments

Back Button MSP430F448IPZ Datasheet HTML 8Page - Texas Instruments MSP430F448IPZ Datasheet HTML 9Page - Texas Instruments MSP430F448IPZ Datasheet HTML 10Page - Texas Instruments MSP430F448IPZ Datasheet HTML 11Page - Texas Instruments MSP430F448IPZ Datasheet HTML 12Page - Texas Instruments MSP430F448IPZ Datasheet HTML 13Page - Texas Instruments MSP430F448IPZ Datasheet HTML 14Page - Texas Instruments MSP430F448IPZ Datasheet HTML 15Page - Texas Instruments MSP430F448IPZ Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 85 page
background image
General-Purpose Register
Program Counter
Stack Pointer
Status Register
Constant Generator
General-Purpose Register
General-Purpose Register
General-Purpose Register
PC/R0
SP/R1
SR/CG1/R2
CG2/R3
R4
R5
R14
R15
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
short-form description
processing unit
The processing unit is based on a consistent and orthogonal CPU and instruction set. This design structure
results in a RISC-like architecture, highly transparent to the application development and notable for its ease
of programming. All operations, other than program-flow instructions, are consequently performed as register
operations in conjunction with seven addressing modes for source and four modes for destination operand.
CPU
The CPU has 16 registers that provide reduced
instruction execution time. This reduces the
register-to-register operation execution time to
one cycle of the processor frequency.
Four of the registers are reserved for special use
as program counter, stack pointer, status register,
and constant generator. The remaining registers
are available as general-purpose registers.
Peripherals are connected to the CPU using
a data address and control bus, and can be
easily handled with all memory manipulation
instructions.
instruction set
The instruction set for this register-to-register architecture constitutes a powerful and easy-to-use assembler
language. The instruction set consists of 51 instructions with three formats and seven address modes. Table 1
provides a summary and example of the three types of instruction formats; the address modes are listed in
Table 2.
Table 1. Instruction Word Formats
Dual operands, source-destination
e.g. ADD R4,R5
R4 + R5 –––> R5
Single operands, destination only
e.g. CALL
R8
PC ––>(TOS), R8––> PC
Relative jump, un/conditional
e.g. JNE
Jump-on-equal bit = 0
Each instruction operating on word and byte data is identified by the suffix B.
Examples:
WORD INSTRUCTIONS
BYTE INSTRUCTIONS
MOV
EDE, TONI
MOV.B
EDE,TONI
ADD
#235h, and MEM
ADD.B
#35h, and MEM
PUSH
R5
PUSH.B
R5
SWPB
R5
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com