Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F448IPZ Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F448IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F448IPZ Datasheet(HTML) 66 Page - Texas Instruments

Back Button MSP430F448IPZ Datasheet HTML 62Page - Texas Instruments MSP430F448IPZ Datasheet HTML 63Page - Texas Instruments MSP430F448IPZ Datasheet HTML 64Page - Texas Instruments MSP430F448IPZ Datasheet HTML 65Page - Texas Instruments MSP430F448IPZ Datasheet HTML 66Page - Texas Instruments MSP430F448IPZ Datasheet HTML 67Page - Texas Instruments MSP430F448IPZ Datasheet HTML 68Page - Texas Instruments MSP430F448IPZ Datasheet HTML 69Page - Texas Instruments MSP430F448IPZ Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
66
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted)
12-bit ADC, linearity parameters, VCC = 2.2 V/3 V
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
E
Integral linearit error
1.4 V
≤ (VeREF+ – VREF–/VeREF–) min ≤ 1.6 V
±2
LSB
E(I)
Integral linearity error
1.6 V < [V(eREF+) – V(REF–)/V(eREF–)] min
≤ [V(AVCC)]
±1.7
LSB
ED
Differential linearity error
(VeREF+ – VREF–/VeREF–)min
≤ (VeREF+ – VREF–/VeREF–),
C(VREF+) = 10 µF (tantalum) and 100 nF (ceramic)
±1
LSB
EO
Offset error†
(VeREF+ – VREF–/VeREF–)min
≤ (VeREF+ – VREF–/VeREF–),
Internal impedance of source Ri < 100 Ω,
C(VREF+) = 10 µF (tantalum) and 100 nF (ceramic)
±2
±4
LSB
EG
Gain error†
(VeREF+ – VREF–/VeREF–)min
≤ (VeREF+ – VREF–/VeREF–),
C(VREF+) = 10 µF (tantalum) and 100 nF (ceramic)
±1.1
±2
LSB
E(T)
Total unadjusted error†
(VeREF+ – VREF–/VeREF–)min
≤ (VeREF+ – VREF–/VeREF–),
C(VREF+) = 10 µF (tantalum) and 100 nF (ceramic)
±2
±5
LSB
† Not production tested, limits characterized
+
–
10
µF 100 nF
AVSS
MSP430F43x
MSP430F44x
+
–
+
–
10
µF 100 nF
10
µF 100 nF
AVCC
10
µF 100 nF
From
Power
Supply
Apply
External
Reference
+
–
Apply External Reference (VeREF+)
or Use Internal Reference (VREF+)
VREF+ or VeREF+
VREF–/VeREF–
DVCC1/DVCC2
DVSS2/DVCC2
Figure 25. Supply Voltage and Reference Voltage Design VREF–/VeREF– External Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com