Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F448IPZ Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F448IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F448IPZ Datasheet(HTML) 59 Page - Texas Instruments

Back Button MSP430F448IPZ Datasheet HTML 55Page - Texas Instruments MSP430F448IPZ Datasheet HTML 56Page - Texas Instruments MSP430F448IPZ Datasheet HTML 57Page - Texas Instruments MSP430F448IPZ Datasheet HTML 58Page - Texas Instruments MSP430F448IPZ Datasheet HTML 59Page - Texas Instruments MSP430F448IPZ Datasheet HTML 60Page - Texas Instruments MSP430F448IPZ Datasheet HTML 61Page - Texas Instruments MSP430F448IPZ Datasheet HTML 62Page - Texas Instruments MSP430F448IPZ Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
59
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
VCC(start)
VCC
V(B_IT–)
Brownout
Region
V(SVSstart)
V(SVS_IT–)
Software sets VLD >0:
SVS is active
td(SVSR)
undefined
Vhys(SVS_IT–)
0
1
td(BOR)
Brownout
0
1
td(SVSon)
td(BOR)
0
1
Set POR
Brown-
out
Region
SVS Circuit is Active From VLD > to VCC < V(B_IT–)
SVSOut
Vhys(B_IT–)
Figure 20. SVS Reset (SVSR) vs Supply Voltage
0
0.5
1
1.5
2
VCC
VCC
1 ns
1 ns
VCC(min)
t pw
tpw – Pulse Width – µs
3 V
1
10
1000
tf
tr
t – Pulse Width –
µs
100
t pw
3 V
tf = tr
Rectangular Drop
Triangular Drop
Figure 21. VCC(min) With a Square Voltage Drop and a Triangle Voltage Drop to Generate an SVS Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com