Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F448IPZ Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F448IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F448IPZ Datasheet(HTML) 38 Page - Texas Instruments

Back Button MSP430F448IPZ Datasheet HTML 34Page - Texas Instruments MSP430F448IPZ Datasheet HTML 35Page - Texas Instruments MSP430F448IPZ Datasheet HTML 36Page - Texas Instruments MSP430F448IPZ Datasheet HTML 37Page - Texas Instruments MSP430F448IPZ Datasheet HTML 38Page - Texas Instruments MSP430F448IPZ Datasheet HTML 39Page - Texas Instruments MSP430F448IPZ Datasheet HTML 40Page - Texas Instruments MSP430F448IPZ Datasheet HTML 41Page - Texas Instruments MSP430F448IPZ Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
comparator_A
The primary functions of the comparator module are: support of precision slope conversion in A/D applications,
battery voltage supervision, and external analog signal monitoring. The comparator is connected to port pins
P1.6/CA0 (+ terminal) and P1.7/CA1 (– terminal). It is controlled by eight control bits in the CACTL register. A
block diagram of comparator_A is shown in Figure 7.
P2CA0
0
1
0
1
P2CA1
0
1
0
1
_
+
CAON
0
1
CAEX
0
1
CAF
Low Pass Filter
τ ≈ 2 µs
CCI1B
Set CAIFG
Flag
CAOUT
0
CARSEL
1
0
2
1
3
VCAREF
0
1
2
3
CAREF
0.5 x VCC
0.25 x VCC
CA1
CA0
0 V
0 V
0 V
0 V
VCC
1
0 V
0
CAON
VCC
1
0 V
0
P2.6/CAOUT/S19
P1.6/
CA0
P1.7/
CA1
Figure 7. Block Diagram of Comparator_A
The eight control bits are used to connect the comparator to the supply voltage, apply external or internal signals
to the + terminal and – terminal, and select the comparator output, including a small filter.
Eight additional bits in register CAPD are implemented into the Comparator_A module and enable the SW to
switch off the input buffer of Port P1. A CMOS input buffer dissipates supply current when the input is not near
VSS or VCC. Control bits CAPI0 to CAPI7 are initially reset and the port input buffer is active. The port input buffer
is inactive if the corresponding control bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com