Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F449IPZ Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F449IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F449IPZ Datasheet(HTML) 42 Page - Texas Instruments

Back Button MSP430F449IPZ Datasheet HTML 38Page - Texas Instruments MSP430F449IPZ Datasheet HTML 39Page - Texas Instruments MSP430F449IPZ Datasheet HTML 40Page - Texas Instruments MSP430F449IPZ Datasheet HTML 41Page - Texas Instruments MSP430F449IPZ Datasheet HTML 42Page - Texas Instruments MSP430F449IPZ Datasheet HTML 43Page - Texas Instruments MSP430F449IPZ Datasheet HTML 44Page - Texas Instruments MSP430F449IPZ Datasheet HTML 45Page - Texas Instruments MSP430F449IPZ Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
control registers ADC12CTL0 and ADC12CTL1 (continued)
ADC12TOVIE
01A0h, bit2
Conversion time overflow interrupt enable.
The timing overflow takes place and a timing overflow vector is generated if another start
of sample and conversion is requested while the current conversion or sequence of
conversions is still active. The timing overflow enable, if set, may request an interrupt.
ADC12OVIE
01A0h, bit3
Overflow interrupt enables the individual enable for the overflow-interrupt vector.
The overflow takes place if the next conversion result is written into ADC memory
ADC12MEMx but the previous result was not read. If an overflow vector is generated, the
overflow-interrupt enable flag ADC12OVIE and the general-interrupt enable GIE are set
and an interrupt service is requested.
ADC12ON
01A0h, bit4
Switch on the 12-bit ADC core. Make sure that the settling timing constraints are met if ADC
core is powered up.
0: Power consumption of the core is off. No conversion is started.
1: ADC core is supplied with power. If no A/D conversion is required, ADC12ON can be
reset to conserve power.
REFON
01A0h, bit5
Reference voltage on
0: The internal reference voltage is switched off. No power is consumed by the reference
voltage generator.
1: The internal reference voltage is switched on and consumes additional power. The
settling time of the reference voltage should be over before the first sample and
conversion is started.
2_5V
01A0h, bit6
Reference voltage level
0: The internal-reference voltage is 1.5 V if REFON = 1.
1: The internal-reference voltage is 2.5 V if REFON = 1.
MSC
01A0h, bit7
Multiple sample and conversion. Works only when the sample timer is selected to generate
the sample signal and to repeat single channel, sequence of channel, or when repeat
sequence of channel (CONSEQ
≠0) is selected.
0: Only one sample is taken.
1: If SHP is set and CONSEQ = {1, 2, or 3}, then the rising edge of the sample timer’s input
signal starts the repeat and/or the sequence of channel mode. Then the second and all
further conversions are immediately started after the current conversion is completed.
SHT0
01A0h, bit8–11
Sample-and-hold Time0
SHT1
01A0h, bit12–15
Sample-and-hold Time1
The sample time is a multiple of the ADC12CLK
× 4:
tsample = 4 × ADC12CLK × n
SHT0/1
0
1
2
3
4
5
6
7
8
9
10
11
12–15
n
1
2
4
8
16
24
32
48
64
96
128
192
256
The sampling time defined by SHT0 is used when ADC12MEM0 through ADC12MEM7
are used during conversion. The sampling time defined by SHT1 is used when
ADC12MEM8 through ADC12MEM15 are used during conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com