Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F449IPZ Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F449IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F449IPZ Datasheet(HTML) 14 Page - Texas Instruments

Back Button MSP430F449IPZ Datasheet HTML 10Page - Texas Instruments MSP430F449IPZ Datasheet HTML 11Page - Texas Instruments MSP430F449IPZ Datasheet HTML 12Page - Texas Instruments MSP430F449IPZ Datasheet HTML 13Page - Texas Instruments MSP430F449IPZ Datasheet HTML 14Page - Texas Instruments MSP430F449IPZ Datasheet HTML 15Page - Texas Instruments MSP430F449IPZ Datasheet HTML 16Page - Texas Instruments MSP430F449IPZ Datasheet HTML 17Page - Texas Instruments MSP430F449IPZ Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating modes (continued)
D Low-power mode 3 (LPM3); SCG1=1, SCG0=1, OscOff=0, CPUOff=1:
–
CPU is disabled
MCLK, FLL+ loop control, and DCOCLK are disabled
DCO’s dc-generator is disabled
ACLK remains active
D Low-power mode 4 (LPM4); SCG1=X, SCG0=X, OscOff=1, CPUOff=1:
–
CPU is disabled
ACLK is disabled
MCLK, FLL+ loop control, and DCOCLK are disabled
DCO’s dc-generator is disabled
Crystal oscillator is stopped
SMCLK is disabled with SMCLKOFF bit in register FLL+CTL1 (054h). The selected clock source (DCOCLK or
XT2CLK) can be switched off only if SMCLKOFF = 1.
NOTE:
Peripheral operation is not halted by CPUOff. Peripherals are controlled by their individual control
registers.
The various operating modes are controlled by the software through control of the internal clock system
operation. This clock system gives a large combination of hardware and software capabilities to run the
application with the lowest power consumption and with optimized system costs:
D Use of the internal clock (DCO) generator without any external components
D Selection of an external crystal or ceramic resonator for lowest frequency and cost
D Application of an external clock source
The control bits that most influence the operation of the clock system and support fast turnon from low power
operating modes are located in the status register SR. Four bits control the CPU and the system clock generator:
SCG1, SCG0, OscOff, and CPUOff.
Reserved for Future
Enhancements
15
9
8
7
0
V
SCG1
SCG0
OscOff
CPUOff
GIE
N
Z
C
rw–0rw–0rw–0rw–0rw–0rw–0rw–0rw–0rw–0rw–0
CPUOff, SCG1, SCG0, and OscOff are the most important bits in low-power control when the basic function
of the system clock generator is established. They are pushed to the stack whenever an interrupt is accepted
and saved for returning to the operation before an interrupt request. They can be manipulated via indirect access
to the data on the stack during execution of an interrupt handler so that program execution can resume in
another power operating mode after return-from-interrupt.
CPUOff:
The CPUOff bit, when set, disables CPU (MCLK is disabled).
SCG0:
The SCG0 bit, when set, disables the FLL+ loop control.
SCG1:
The SCG1 bit, when set, disables the DCOCLK signal.
OscOff:
The OscOff bit, when set, disables the LFXT1 crystal oscillator.
DC generator:
When both SCG0 and SCG1 are set, the dc generator for the DCO is disabled.
XT2Off:
The XT2Off bit, when set, disables the XT2 crystal oscillator. XT2 is disabled only if it is un-
used for MCLK (SELM
≠2 or CPUOff=1) and if it is unused for SMCLK (SELS=0 or
SMCLKOFF=1). Both conditions prevent disabling of XT2 accidentially.
SMCLKOFF:
SMCLKOFF, when set, switches off clock SMCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com